Electronic Components Datasheet Search
  English  ▼

X  

SST29EE020 Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST29EE020
Description  2 Mbit (256K x8) Page-Mode EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29EE020 Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST29EE020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST29EE020 Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
12
Data Sheet
2 Mbit Page-Mode EEPROM
SST29EE020 / SST29LE020 / SST29VE020
©2001 Silicon Storage Technology, Inc.
S71062-06-000
6/01
307
FIGURE 4: READ CYCLE TIMING DIAGRAM
FIGURE 5: WE# CONTROLLED PAGE-WRITE CYCLE TIMING DIAGRAM
307 ILL F03.0
CE#
ADDRESS A17-0
OE#
WE#
DQ 7-0
VIH
TCLZ
TOH
DATA VALID
DATA VALID
TOLZ
TOE
HIGH-Z
HIGH-Z
TCE
TCHZ
TOHZ
TRC
TAA
307 ILL F04.1
CE#
OE#
WE#
ADDRESS A17-0
DQ 7-0
SW0
AA
55
A0
DATA VALID
SW1
SW2
BYTE 0
BYTE 1
BYTE 127
TDS
TDH
TBLC
TBLCO
TWC
TWP
TOEH
TOES
TCH
TCS
TAH
TAS
5555
Three-Byte Sequence for
Enabling SDP
2AAA
5555



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com