Electronic Components Datasheet Search
  English  ▼

X  

TPS22980RGPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS22980RGPR
Description  3.3V TO 18V MUX with Overcurrent Limit
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS22980RGPR Datasheet(HTML) 4 Page - Texas Instruments

  TPS22980RGPR Datasheet HTML 1Page - Texas Instruments TPS22980RGPR Datasheet HTML 2Page - Texas Instruments TPS22980RGPR Datasheet HTML 3Page - Texas Instruments TPS22980RGPR Datasheet HTML 4Page - Texas Instruments TPS22980RGPR Datasheet HTML 5Page - Texas Instruments TPS22980RGPR Datasheet HTML 6Page - Texas Instruments TPS22980RGPR Datasheet HTML 7Page - Texas Instruments TPS22980RGPR Datasheet HTML 8Page - Texas Instruments TPS22980RGPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TPS22980
SLVSB61B – DECEMBER 2011 – REVISED APRIL 2012
www.ti.com
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
V3P3
3.0
3.6
V
Supply voltage range
VHV
4.5
19.8
V
ILIM3P3OUT
V3P3OUT Switch current range
0
500
mA
VIH
Input logic high
EN, HV_EN, S0
V3P3-0.6
V3P3
V
VIL
Input logic low
EN, HV_EN, S0
0
0.6
V
RSET_V3P3
3.3V switch current limit set resistance
25.3
402
k
Ω
RSET_S0
VHV switch current limit in S0 mode set resistance
25.3
402
k
Ω
RSET_S3
VHV switch current limit in S3 mode set resistance
25.3
402
k
Ω
ELECTRICAL CHARACTERISTICS
Unless otherwise noted the specification applies over the VDD range and operating junction temp –40°C ≤ TJ ≤ 85°C. Typical
values are for V3P3 = 3.3V, VHV = 15V, and TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLIES AND CURRENTS
V3P3
V3P3 Input voltage range
3
3.3
3.6
V
VHV
VHV Input voltage range
4.5
19.8
V
IVHVACT
Active quiescent current from VHV
HV_EN = 1, EN = 1
150
µA
IVHVSD
Shutdown leakage current from VHV
HV_EN = 0, EN = 0 or 1
30
µA
IDDACT
Active quiescent current from V3P3
EN = 1, HV_EN = 0
200
µA
IDDACTHV
Active quiescent current from V3P3
EN = 1, HV_EN = 1
150
µA
IDDSD
Shutdown Quiescent Current from V3P3
EN = 0, OUT = 0V
10
µA
EN = 1, VHV = 5V
IDIS
OUT Discharge Current
5
10
mA
HV_EN = 1
→ 0
V = 0 V
1
µA
IIN
HV_EN, EN, S0, S3 Input pin leakage
V = V3P3
1
µA
SWITCH AND RESISTANCE CHARACTERISTICS
RSHV
VHV Switch resistance
VHV = 5 V to 18V, IVHV = 1.5 A
250
m
Ω
RS3P3
V3P3 Switch resistance
V3P3 = 3.3 V, IV3P3 = 1.5 A
250
m
Ω
RS3P3BYP
V3P3 Bypass switch resistance
V3P3 = 3.3 V, IV3P3 = 500 mA
500
m
Ω
VOLTAGE THESHOLDS
VHV Input Falling
3.6
4
VHVUVLO
VHV Under voltage lockout
V
VHV Input Rising
4
4.3
V3P3 Input Falling
1.8
2.25
V3P3UVLO
V3P3 Under voltage lockout
V
V3P3 Input Rising
2.25
2.5
THERMAL SHUTDOWN
TSD
Shutdown Temperature
110
120
130
°C
TSDHYST
Shutdown Hysteresis
10
°C
4
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS22980



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com