Electronic Components Datasheet Search
  English  ▼

X  

TPS54528 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54528
Description  4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54528 Datasheet(HTML) 2 Page - Texas Instruments

  TPS54528 Datasheet HTML 1Page - Texas Instruments TPS54528 Datasheet HTML 2Page - Texas Instruments TPS54528 Datasheet HTML 3Page - Texas Instruments TPS54528 Datasheet HTML 4Page - Texas Instruments TPS54528 Datasheet HTML 5Page - Texas Instruments TPS54528 Datasheet HTML 6Page - Texas Instruments TPS54528 Datasheet HTML 7Page - Texas Instruments TPS54528 Datasheet HTML 8Page - Texas Instruments TPS54528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS54528
SLVSAY4B – JULY 2011 – REVISED MAY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION(1)
TRANSPORT
TA
PACKAGE(2) (3)
ORDERABLE PART NUMBER
PIN
MEDIA
TPS54528DDA
Tube
–40°C to 85°C
DDA
8
TPS54528DDAR
Tape and Reel
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(3)
All package options have Cu NIPDAU lead/ball finish.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
VIN, EN
–0.3
20
VBST
–0.3
26
VBST (10 ns transient)
–0.3
28
Input voltage range
VBST (vs SW)
–0.3
6.5
V
VFB, SS
–0.3
6.5
SW
–2
20
SW (10 ns transient)
–3
22
VREG5
–0.3
6.5
Output voltage range
V
GND
–0.3
0.3
Voltage from GND to thermal pad, Vdiff
–0.2
0.2
V
Human Body Model (HBM)
2
kV
Electrostatic discharge
Charged Device Model (CDM)
500
V
Operating junction temperature, TJ
–40
150
°C
Storage temperature, Tstg
–55
150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
THERMAL INFORMATION
TPS54528
THERMAL METRIC(1)
UNITS
DDA (8 PINS)
θJA
Junction-to-ambient thermal resistance
43.5
θJCtop
Junction-to-case (top) thermal resistance
49.4
θJB
Junction-to-board thermal resistance
25.6
°C/W
ψJT
Junction-to-top characterization parameter
7.4
ψJB
Junction-to-board characterization parameter
25.5
θJCbot
Junction-to-case (bottom) thermal resistance
5.2
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s) :TPS54528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com