Electronic Components Datasheet Search
  English  ▼

X  

TPS54528 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54528
Description  4.5V to 18V Input, 5-A Synchronous Step-Down Converter with Eco-Mode?
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54528 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54528 Datasheet HTML 9Page - Texas Instruments TPS54528 Datasheet HTML 10Page - Texas Instruments TPS54528 Datasheet HTML 11Page - Texas Instruments TPS54528 Datasheet HTML 12Page - Texas Instruments TPS54528 Datasheet HTML 13Page - Texas Instruments TPS54528 Datasheet HTML 14Page - Texas Instruments TPS54528 Datasheet HTML 15Page - Texas Instruments TPS54528 Datasheet HTML 16Page - Texas Instruments TPS54528 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
IN
OUT
OUT
=
Co(RMS)
IN
O
SW
V
x (V
- V
)
12 x V
x L
x
I
f
2
2
=
IPP
Lo(RMS)
O
1
+
12
I
I
I
lpp
=
+
Ipeak
O
2
I
I
I
V
V
V
IN(max)
OUT
OUT
=
x
IPP
V
L
x
IN(max)
O
SW
-
I
f
TPS54528
www.ti.com
SLVSAY4B – JULY 2011 – REVISED MAY 2012
Table 1. Recommended Component Values
Output Voltage (V)
R1 (k
Ω)
R2 (k
Ω)
C4 (pF)(1)
L1 (µH)
C8 + C9 (µF)
1
6.81
22.1
1.0 - 1.5
22 - 68
1.05
8.25
22.1
1.0 - 1.5
22 - 68
1.2
12.7
22.1
1.0 - 1.5
22 - 68
1.5
21.5
22.1
1.5
22 - 68
1.8
30.1
22.1
5 - 22
1.5
22 - 68
2.5
49.9
22.1
5 - 22
2.2
22 - 68
3.3
73.2
22.1
5 - 22
2.2
22 - 68
5
124
22.1
5 - 22
3.3
22 - 68
(1)
Optional
Since the DC gain is dependent on the output voltage, the required inductor value increases as the output
voltage increases. For higher output voltages at or above 1.8 V, additional phase boost can be achieved by
adding a feed forward capacitor (C4) in parallel with R1
The inductor peak-to-peak ripple current, peak current and RMS current are calculated using Equation 5,
Equation 6 and Equation 7. The inductor saturation current rating must be greater than the calculated peak
current and the RMS or heating current rating must be greater than the calculated RMS current. Use 700 kHz for
fSW.
Use 650 kHz for fSW. Make sure the chosen inductor is rated for the peak current of Equation 6 and the RMS
current of Equation 7.
(5)
(6)
(7)
For this design example, the calculated peak current is 5.51 A and the calculated RMS current is 5.01 A. The
inductor used is a TDK SPM6530-1R5M100 with a peak current rating of 11.5 A and an RMS current rating of 11
A.
The capacitor value and ESR determines the amount of output voltage ripple. The TPS54528 is intended for use
with ceramic or other low ESR capacitors. Recommended values range from 22µF to 68µF. Use Equation 8 to
determine the required RMS current rating for the output capacitor.
(8)
For this design two TDK C3216X5R0J226M 22µF output capacitors are used. The typical ESR is 2 m
Ω each.
The calculated RMS current is 0.29 A and each output capacitor is rated for 4A.
Input Capacitor Selection
The TPS54528 requires an input decoupling capacitor and a bulk capacitor is needed depending on the
application. A ceramic capacitor over 10
μF is recommended for the decoupling capacitor. An additional 0.1 µF
capacitor (C3) from pin 8 to ground is optional to provide additional high frequency filtering. The capacitor voltage
rating needs to be greater than the maximum input voltage.
Bootstrap Capacitor Selection
A 0.1 µF. ceramic capacitor must be connected between the VBST to SW pin for proper operation. It is
recommended to use a ceramic capacitor.
Copyright © 2011–2012, Texas Instruments Incorporated
13
Product Folder Link(s) :TPS54528



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com