Electronic Components Datasheet Search
  English  ▼

X  

SST58SM048 Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST58SM048
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SM048 Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST58SM048 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
19
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.2 ATA-Disk Module Command Description
This section defines the software requirements and the format of the commands the host sends to the ADM. Com-
mands are issued to the ADM by loading the required registers in the command block with the supplied parame-
ters, and then writing the command code to the Command Register. The manner in which a command is accepted
varies. There are three classes (see Table 3-2) of command acceptance, all dependent on the host not issuing
commands unless the ADM is not busy (BSY=0).
3.2.1 ATA-Disk Module Command Set
Table 3-2 summarizes the ADM command set with the paragraphs that follow describing the individual commands
and the task file for each.
TABLE
3-2: ATA-DISK MODULE COMMAND SET
Class
Command
Code
FR1
1. FR - Features Register
SC2
2. SC - Sector Count Register
SN3
3. SN - Sector Number Register
CY4
4. CY - Cylinder Registers
DH5
5. DH - Drive/Head Register
LBA6
6. LBA - Logical Block Address Mode Supported (see command descriptions for use)
1
Check Power Mode
E5H or 98H
-
-
-
-
D8
-
1
Execute Drive Diagnostic
90H
-
-
-
-
D
-
2
Format Track
50H
-
Y7
7. Y - The register contains a valid parameter for this command.
-Y
Y8
8. For the Drive/Head Register:
Y means both the ADC and Head parameters are used;
D means only the ADC parameter is valid and not the Head parameter.
Y
1
Identify Drive
ECH
-
-
-
-
D
-
1
Idle
E3H or 97H
-
Y
-
-
D
-
1
Idle Immediate
E1H or 95H
-
-
-
-
D
-
1
Initialize Drive Parameters
91H
-
Y
-
-
Y
-
1
Read Buffer
E4H
-
-
-
-
D
-
1
Read Long Sector
22H or 23H
-
-
Y
Y
Y
Y
1
Read Multiple
C4H
-
YYYY
Y
1
Read Sector(s)
20H or 21H
-
YYYY
Y
1
Read Verify Sector(s)
40H or 41H
-
YYYY
Y
1
Recalibrate
1XH
-
-
-
-
D
-
1
Seek
7XH
-
-
YYY
Y
1
Set Features
EFH
Y
-
-
-
D
-
1
Set Multiple Mode
C6H
-
Y
-
-
D
-
1
Set Sleep Mode
E6H or 99H
-
-
-
-
D
-
1
Stand By
E2H or 96H
-
-
-
-
D
-
1
Stand By Immediate
E0H or 94H
-
-
-
-
D
-
2
Write Buffer
E8H
-
-
-
-
D
-
2
Write Long Sector
32H or 33H
-
-
Y
Y
Y
Y
3
Write Multiple
C5H
-
YYYY
Y
2
Write Sector(s)
30H or 31H
-
YYYY
Y
3
Write Verify
3CH
-
YYYY
Y
T3-2.0 519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com