Electronic Components Datasheet Search
  English  ▼

X  

SST58SM048 Datasheet(PDF) 23 Page - Silicon Storage Technology, Inc

Part # SST58SM048
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SM048 Datasheet(HTML) 23 Page - Silicon Storage Technology, Inc

Back Button SST58SM048 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 21Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 22Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 23Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 24Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 25Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 26Page - Silicon Storage Technology, Inc SST58SM048 Datasheet HTML 27Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
23
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.2.1.4.1 General Configuration
This field informs the host that this is a non-magnetic, hard sectored, removable storage device with a
transfer rate greater than 10 MByte/sec and is not MFM encoded.
3.2.1.4.2 Default Number of Cylinders
This field contains the number of translated cylinders in the default translation mode. This value will be
the same as the number of cylinders.
3.2.1.4.3 Default Number of Heads
This field contains the number of translated heads in the default translation mode.
3.2.1.4.4 Default Number of Sectors per Track
This field contains the number of sectors per track in the default translation mode.
3.2.1.4.5 Number of Sectors
This field contains the number of sectors per ADM. This double word value is also the first invalid
address in LBA translation mode.
3.2.1.4.6 Memory Serial Number
The contents of this field are right justified and padded with spaces (20H).
3.2.1.4.7 Buffer Type
This field defines the buffer capability:
0002H: a dual ported multi-sector buffer capable of simultaneous data transfers to or from the host and
the ADM.
3.2.1.4.8 Buffer Size
This field defines the buffer capacity in 512 Byte increments. SST’s ADM has up to 2 sector data buffer
for host interface.
3.2.1.4.9 ECC Count
This field defines the number of ECC bytes used on each sector in the Read and Write Long
commands.
3.2.1.4.10 Firmware Revision
This field contains the revision of the firmware for this product.
3.2.1.4.11 Model Number
This field contains the model number for this product and is left justified and padded with spaces (20H).
3.2.1.4.12 Read/Write Multiple Sector Count
This field contains the maximum number of sectors that can be read or written per interrupt using the
Read Multiple or Write Multiple commands.
3.2.1.4.13 Capabilities
Bit 13: Standby Timer
Set to 0, forces sleep mode when host is inactive.
Bit 11: IORDY Support
Set to 0, indicates that this device may support IORDY operation.
Bit 9: LBA support
Set to 1, SST’s ADMs support LBA mode addressing.
Bit 8: DMA Support
This bit is set to 0. DMA mode is not supported.
3.2.1.4.14 PIO Data Transfer Cycle Timing Mode
This field defines the mode for PIO data transfer. ADM supports up to PIO Mode-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com