Electronic Components Datasheet Search
  English  ▼

X  

TPS70751MPWPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 12Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 13Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 14Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 15Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 16Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 17Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 18Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 19Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
www.ti.com
0
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
20
LOAD TRANSIENT RESPONSE
250
t − Time − ms
CO = 33 µF
TJ = 25°C
VOUT1 = 3.3 V
0
0
−20
−40
0
0.2
0.4
0.6 0.8
1
1.2
1.4
1.6
1.8
2
20
LOAD TRANSIENT RESPONSE
0
t − Time − ms
125
0
−20
CO = 33 µF
TJ = 25°C
VOUT2 = 1.8 V
−40
−60
−80
0
20
40
60
80
100 120
5.3
LINE TRANSIENT RESPONSE
4.3
140 160 180 200
t − Time −
µs
IO = 250 mA
CO = 33 µF
VOUT1
0
50
−50
0
20
40
60
80
100 120
LINE TRANSIENT RESPONSE
2.8
140 160 180 200
t − Time −
µs
IO = 125 mA
CO = 33 µF
VOUT2
0
10
−10
3.8
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Figure 22.
Figure 23.
Figure 24.
Figure 25.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com