Electronic Components Datasheet Search
  English  ▼

X  

TPS70751MPWPREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS70751MPWPREP
Description  DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS70751MPWPREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS70751MPWPREP Datasheet HTML 7Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 8Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 9Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 10Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 11Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 12Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 13Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 14Page - Texas Instruments TPS70751MPWPREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
www.ti.com
TJ − Junction Temperature − °C
3.23
3.25
3.27
3.29
3.31
3.33
3.35
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN1 = 4.3 V
IO = 250 mA
VOUT1
TJ − Junction Temperature − °C
3.23
3.25
3.27
3.29
3.31
3.33
3.35
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN1 = 4.3 V
IO = 1 mA
VOUT1
1.786
1.788
1.790
1.792
1.794
1.796
1.798
1.800
TJ − Junction Temperature − °C
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN2 = 2.8 V
IO = 1 mA
VOUT2
1.790
1.791
1.792
1.793
1.794
1.795
1.796
1.797
1.798
1.799
TJ − Junction Temperature − °C
OUTPUT VOLTAGE
vs
JUNCTION TEMPERATURE
−40 −25 −10
5
20
35
50 65
80
95 110 125
VIN2 = 2.8 V
IO = 125 mA
VOUT2
TPS70751-EP
DUAL-OUTPUT LOW-DROPOUT VOLTAGE REGULATOR
WITH POWER-UP SEQUENCING FOR SPLIT-VOLTAGE DSP SYSTEMS
SLVS718 – DECEMBER 2006
Figure 3.
Figure 4.
Figure 5.
Figure 6.
11
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com