Electronic Components Datasheet Search
  English  ▼

X  

TPS73601MDBVREP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601MDBVREP
Description  CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601MDBVREP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS73601MDBVREP Datasheet HTML 2Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 3Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 4Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 5Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 6Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 7Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 8Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 9Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
FUNCTIONAL BLOCK DIAGRAMS
Servo
Error
Amp
Ref
OUT
R1
R2
EN
IN
Bandgap
27 kW
8 kW
R1 + R2 = 80 kW
Current
Limit
Thermal
Protection
4-MHz
Charge Pump
NR
GND
VO
1.2 V
1.5 V
1.8 V
2.5 V
2.8 V
3 V
3.3 V
R1
Short
23.2 k
Ω
28 k
Ω
39.2 k
Ω
44.2 k
Ω
46.4 k
Ω
52.3 k
Ω
R2
Open
95.3 k
Ω
56.2 k
Ω
36.5 k
Ω
33.2 k
Ω
30.9 k
Ω
30.1 k
Ω
Standard 1% Resistor
Values for Common
Output Voltages
NOTE: VOUT = (R1 + R2)/R2 × 1.204;
R1R2 ≅ 19 kΩ for best
accuracy
Servo
Error
Amp
Ref
OUT
FB
R1
R2
EN
IN
Bandgap
27 kW
8 kW
Current
Limit
Thermal
Protection
4-MHz
Charge Pump
GND
80 kW
TPS73601-EP, TPS73615-EP, TPS73618-EP
TPS73625-EP, TPS73630-EP, TPS73632-EP, TPS73633-EP
SGLS326C – APRIL 2006 – REVISED FEBRUARY 2009 .................................................................................................................................................. www.ti.com
Figure 2. Fixed-Voltage Version
Figure 3. Adjustable-Voltage Version
6
Submit Documentation Feedback
Copyright © 2006–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS73601-EP TPS73615-EP TPS73618-EP TPS73625-EP TPS73630-EP TPS73632-EP
TPS73633-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com