Electronic Components Datasheet Search
  English  ▼

X  

TPS73601MDBVREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601MDBVREP
Description  CAP-FREE NMOS 400 mA LOW-DROPOUT REGULATORS WITH REVERSE CURRENT PROTECTION
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73601MDBVREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS73601MDBVREP Datasheet HTML 9Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 10Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 11Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 12Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 13Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 14Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 15Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 16Page - Texas Instruments TPS73601MDBVREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Board Layout Recommendation to Improve
Transient Response
Internal Current Limit
Shutdown
dV dt
+
V
OUT
C
OUT
80 kW ø RLOAD
(4)
Dropout Voltage
dV dt
+
V
OUT
C
OUT
80 kW ø (R1 ) R2) ø RLOAD
(5)
TPS73601-EP, TPS73615-EP, TPS73618-EP
TPS73625-EP, TPS73630-EP, TPS73632-EP, TPS73633-EP
www.ti.com .................................................................................................................................................. SGLS326C – APRIL 2006 – REVISED FEBRUARY 2009
The TPS73601 adjustable version does not have the
avoid degraded transient response. The boundary of
noise-reduction pin available. However, connecting a
this transient dropout region is approximately twice
feedback capacitor, CFB, from the output to the FB pin
the
dc
dropout.
Values
of
reduces output noise and improves load transient
VIN – VOUT above this line ensure normal transient
performance.
response.
The TPS736xx uses an internal charge pump to
Operating in the transient dropout region can cause
develop an internal supply voltage sufficient to drive
an increase in recovery time. The time required to
the gate of the NMOS pass element above VOUT. The
recover from a load transient is a function of the
charge pump generates ~250
µV of switching noise
magnitude of the change in load current rate, the rate
at ~4 MHz; however, charge-pump noise contribution
of
change
in
load
current,
and
the
available
is negligible at the output of the regulator for most
headroom
(VIN to VOUT voltage drop). Under
values of IOUT and COUT.
worst-case conditions [full-scale instantaneous load
change with (VIN – VOUT) close to dc dropout levels],
the TPS736xx can
take
a
couple
of
hundred
microseconds to return to the specified regulation
PSRR and Noise Performance
accuracy.
To improve ac performance such as PSRR, output
noise, and transient response, it is recommended that
the board be designed with separate ground planes
for VIN and VOUT, with each ground plane connected
The low open-loop output impedance provided by the
only at the GND pin of the device. In addition, the
NMOS
pass
element
in
a
voltage-follower
ground connection for the bypass capacitor should
configuration allows operation without an output
connect directly to the GND pin of the device.
capacitor
for
many
applications.
As
with
any
regulator, the addition of a capacitor (nominal value
1
µF) from the output pin to ground reduces
undershoot magnitude but increases duration. In the
The TPS736xx internal current limit helps protect the
adjustable version, the addition of a capacitor, CFB,
regulator during fault conditions. Foldback helps to
from the output to the adjust pin also improves the
protect the regulator from damage during output
transient response.
short-circuit conditions by reducing current limit when
The TPS736xx does not have active pulldown when
VOUT drops below 0.5 V. See Figure 12 for a graph of
the output is overvoltage. This allows applications
IOUT vs VOUT.
that
connect
higher
voltage
sources,
such
as
alternate power supplies, to the output. This also
results in an output overshoot of several percent if
The enable (EN) pin is active high and is compatible
load current quickly drops to zero when a capacitor is
with standard TTL-CMOS levels. VEN below 0.5 V
connected to the output. The duration of overshoot
(max) turns the regulator off and drops the ground-pin
can be reduced by adding a load resistor. The
current to approximately 10 nA. When shutdown
overshoot decays at a rate determined by output
capability is not required, EN can be connected to
capacitor
COUT
and
the
internal/external
load
VIN. When a pullup resistor is used, and operation
resistance. The rate of decay is given by:
down to 1.8 V is required, use pullup resistor values
Fixed-voltage version:
below 50 k
Ω.
Adjustable-voltage version:
The TPS736xx uses an NMOS pass transistor to
achieve extremely low dropout. When (VIN – VOUT) is
less than the dropout voltage (VDO), the NMOS pass
device is in its linear region of operation and the
input-to-output resistance is the RDS-ON of the NMOS
pass element.
For large step changes in load current, the TPS736xx
requires a larger voltage drop from VIN to VOUT to
Copyright © 2006–2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS73601-EP TPS73615-EP TPS73618-EP TPS73625-EP TPS73630-EP TPS73632-EP
TPS73633-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com