Electronic Components Datasheet Search
  English  ▼

X  

TPS75005 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75005
Description  Integrated MCU Power Solution for C2000??Microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75005 Datasheet(HTML) 2 Page - Texas Instruments

  TPS75005 Datasheet HTML 1Page - Texas Instruments TPS75005 Datasheet HTML 2Page - Texas Instruments TPS75005 Datasheet HTML 3Page - Texas Instruments TPS75005 Datasheet HTML 4Page - Texas Instruments TPS75005 Datasheet HTML 5Page - Texas Instruments TPS75005 Datasheet HTML 6Page - Texas Instruments TPS75005 Datasheet HTML 7Page - Texas Instruments TPS75005 Datasheet HTML 8Page - Texas Instruments TPS75005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
TPS75005
SBVS144C – NOVEMBER 2011 – REVISED APRIL 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
VOLTAGE INFORMATION(1)
PRODUCT
VOUT1
VOUT2
VSVS1
VSVS2
VSVS3
VSET = L
VSET = H
VSET = H
VSET = L
3.333 V
3.234
TPS75005(2)
1.818 V
1.919 V
1.764 V
1.862 V
(101%)
(98%)
(101%)
(101%)
(98%)
(98%)
1.206 V
Adjustable,
Adjustable,
Adjustable,
Adjustable,
TPS75005ADJ
greater than 1.24 V
greater than 1.24 V
97% of VOUT1
97% of VOUT2
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or visit the
device product folder at www.ti.com.
(2)
VOUT1 and VSVS1 are selectable by VSET pin logic with the TPS75005.
ABSOLUTE MAXIMUM RATINGS
(1)
At TJ = –40°C to +125°C (unless otherwise noted).
VALUE
UNIT
MIN
MAX
IN, OUT1, OUT2, VMON, VSET, SEQ, OUT1_S, OUT2_S
–0.3
+7.0
V
Voltage(2)
CT1 CT2, SS1, SS2
–0.3
+3.6
V
EN, VDET, PG, TEST
–0.3
VIN + 0.3
(3)
V
Output current
Internally limited(4)
Temperature
Storage, Tstg
–55
+150
°C
Human body model (HBM) QSS 009-105 (JESD22-A114A)
2
kV
Electrostatic
discharge ratings(5)
Charge device model (CDM) QSS 009-147 (JESD22-C101B.01)
500
V
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated is not implied. Exposure to absolute-
maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
(3)
Absolute maximum rating of these pins is VIN + 0.3 V or + 7.0 V, whichever is smaller.
(4)
See Electrical Characteristics.
(5)
ESD testing is performed according to the respective JESD22 JEDEC standard.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS75005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com