Electronic Components Datasheet Search
  English  ▼

X  

TPS75005 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75005
Description  Integrated MCU Power Solution for C2000??Microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75005 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS75005 Datasheet HTML 17Page - Texas Instruments TPS75005 Datasheet HTML 18Page - Texas Instruments TPS75005 Datasheet HTML 19Page - Texas Instruments TPS75005 Datasheet HTML 20Page - Texas Instruments TPS75005 Datasheet HTML 21Page - Texas Instruments TPS75005 Datasheet HTML 22Page - Texas Instruments TPS75005 Datasheet HTML 23Page - Texas Instruments TPS75005 Datasheet HTML 24Page - Texas Instruments TPS75005 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
TPS75005
www.ti.com
SBVS144C – NOVEMBER 2011 – REVISED APRIL 2012
Normal Power-Up and Power-Down Sequence
Figure 32 shows oscilloscope waveforms of the TPS75005 in a normal power-up and power-down sequence with
SEQ = L. Refer to the time lines labeled Event A through Event H.
1.
Before Event A, the TPS75005 is idle, waiting for an enable event.
(Power-Up Sequence Begins)
2.
At Event A, EN goes to logic-H and the device immediately discharges a soft-start capacitor (CSS1) by
using a one-shot circuit. Then, the LDO1 soft-start circuit starts charging CSS1. The OUT1 voltage follows
the SS1 voltage. Time between Event A and Event B is defined as tSS1 and can be programmed by CSS1.
3.
At Event B, the OUT1 voltage exceeds the VSVS1 threshold and the SVS1 delay circuit starts charging
CCT1. Time between Event B and Event C is defined as td(SVS1) and can be programmed by CCT1.
4.
At Event C, the CT1 voltage exceeds the VCT1 threshold to discharge a soft-start capacitor (CSS2) using a
one-shot circuit. Then, the LDO2 soft-start circuit starts charging CSS2. The OUT2 voltage follows the
SS2 voltage. Time between Event C and Event D is defined as tSS2 and can be programmed by CSS2.
5.
At Event D, the OUT2 voltage exceeds the VSVS2 threshold and the SVS2 delay circuit starts charging
CCT2. Time between Event D and Event E is defined as td(SVS2) and can be programmed by CCT2.
(Power-Up Sequence Ends)
6.
At Event E, the CT2 voltage exceeds the VCT2 threshold and PG goes high to enable the C2000
controller. The TPS75005 is up and running as long as a disable or an error event occurs.
(Power-Down Sequence Begins)
7.
At Event F, EN goes to logic-L and the device immediately turns PG to logic-L so that the C2000
controller is disabled. Then, an internal signal EN2 goes to logic-L in order to disable LDO2. Because the
active pull-down switch is enabled by SW2 (= EN2) signal, the OUT2 voltage starts decreasing (note that
this ramp-down speed depends on the application circuits).
8.
At Event G, the OUT2 voltage underruns the VDOWN2 threshold and an internal signal EN1 goes into
logic-L in order to disable LDO1. Because the active pull-down switch is enabled by SW1 (= EN1) signal,
the OUT1 voltage starts decreasing (note that this ramp-down speed is depends on the application
circuits).
9.
At Event H, the OUT1 voltage underruns the VDOWN1 threshold to return back to the idle state.
(Power-Down Sequence Ends)
Copyright © 2011–2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TPS75005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com