Electronic Components Datasheet Search
  English  ▼

X  

DS41356B Datasheet(PDF) 46 Page - Microchip Technology

Part # DS41356B
Description  Low Pin Count USB Development Kit
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DS41356B Datasheet(HTML) 46 Page - Microchip Technology

Back Button DS41356B Datasheet HTML 42Page - Microchip Technology DS41356B Datasheet HTML 43Page - Microchip Technology DS41356B Datasheet HTML 44Page - Microchip Technology DS41356B Datasheet HTML 45Page - Microchip Technology DS41356B Datasheet HTML 46Page - Microchip Technology DS41356B Datasheet HTML 47Page - Microchip Technology DS41356B Datasheet HTML 48Page - Microchip Technology DS41356B Datasheet HTML 49Page - Microchip Technology DS41356B Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 54 page
background image
Low Pin Count USB Development Kit User’s Guide
DS41356B-page 42
© 2009 Microchip Technology Inc.
FIGURE 2-18:
HYPER TERMINAL COM PROPERTIES WINDOW
This now establishes a connection between the Low Pin Count USB Development
Board USB connector and the Host PC COM port.
26. Next, connect the RS-232 serial cable to the connector on the Low Pin Count
USB Development Board and to a serial port connector on the Host PC using a
“Gender Changer” adapter.
27. Repeat steps 22 to 25 to establish an RS-232 connection using the related port
noted in step 21 for the Serial Port Connector on the Host PC. Name this con-
nection “RS232 Connection” and ensure that the COM properties resemble
Figure 2-18.
Testing the Application
28. Once connected, click inside the RS232 Connection COM window and type a
message. Note that unless configured to echo locally, the originating message
COM window will not print the message. The message should be printed in the
“USB Connection” COM window as shown in Figure 2-19.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com