Electronic Components Datasheet Search
  English  ▼

X  

1T387 Datasheet(PDF) 2 Page - Sony Corporation

Part # 1T387
Description  Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T387 Datasheet(HTML) 2 Page - Sony Corporation

  1T387 Datasheet HTML 1Page - Sony Corporation 1T387 Datasheet HTML 2Page - Sony Corporation 1T387 Datasheet HTML 3Page - Sony Corporation 1T387 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
1T387
IF = 1mA
1
10
0.1
1
10
Diode capacitance vs. Reverse voltage
VR – Reverse voltage [V]
Ta – Ambient temperature [
°C]
Forward voltage vs. Ambient temperature
–20
0
20
40
60
10
100
1000
Reverse current vs. Ambient temperature
Ta – Ambient temperature [
°C]
80
0.90
0. 80
0.70
0.60
–20
0
20
40
60
80
IR = 10
µA
Ta – Ambient temperature [
°C]
Reverse voltage vs. Ambient temperature
45
40
35
30
–20
0
20
40
60
80
VR = 25V
5
2
0.2
0.5
2
5
20
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com