Electronic Components Datasheet Search
  English  ▼

X  

1T387 Datasheet(PDF) 3 Page - Sony Corporation

Part # 1T387
Description  Variable Capacitance Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T387 Datasheet(HTML) 3 Page - Sony Corporation

  1T387 Datasheet HTML 1Page - Sony Corporation 1T387 Datasheet HTML 2Page - Sony Corporation 1T387 Datasheet HTML 3Page - Sony Corporation 1T387 Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
– 3 –
1T387
–20
20
0
40
60
0.98
0.99
1.00
VR = 1V
VR = 2V
VR = 7V
VR = 25V
VR = 15V
1.01
1.02
1.03
Diode capacitance vs. Ambient temperature
Ta – Ambient temperature [
°C]
VR – Reverse voltage [V]
Temperature coefficient of diode capacitance
80
1
3
10
30
0.1
1
10
100
Reverse current vs. Reverse voltage
VR – Reverse voltage [V]
1000
500
200
100
50
30
1
2
5
10
20
50
Ta = 25
°C
Ta = 60
°C
Ta = 80
°C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com