Electronic Components Datasheet Search
  English  ▼

X  

BM6201FS Datasheet(PDF) 3 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 3 Page - Rohm

  BM6201FS Datasheet HTML 1Page - Rohm BM6201FS Datasheet HTML 2Page - Rohm BM6201FS Datasheet HTML 3Page - Rohm BM6201FS Datasheet HTML 4Page - Rohm BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
Functional descriptions
1) Control input pins (UH, UL, VH, VL, WH, WL)
The input threshold voltage of the control pins are 2.5V and 0.8V, with a hysteresis
voltage of approximately 0.4V. The IC will accept input voltages up to the VCC voltage.
When the same phase control pins are input high at the same time, the high side and low
side gate driver outputs low. However, it wishes measures as the dead time is installed in
the control signals. The control input pins are connected internally to pull-down resistors
(100kΩ nominal). However, when the switching noise on the output stage may affect the
input on these pins and cause undesired operation. In such cases, attaching an external
pull-down resistor (10kΩ recommended) between each control pin and ground, or
connecting each pin to an input voltage of 0.8V or less (preferably GND), is
recommended.
2) Under voltage lock out (UVLO) circuit
To secure the lowest power supply voltage necessary to operate the driver, and to prevent under voltage malfunctions,
the UVLO circuits are independently built into the upper side floating driver and the lower side driver. When the supply
voltage falls to VUVL or below, the controller forces driver outputs low. When the voltage rises to VUVH or above, the UVLO
circuit ends the lockout operation and returns the chip to normal operation. Even if the controller returns to normal
operation, the output begins from the following control input signal.
Fig.4 Low voltage monitor - UVLO - timing chart
Truth table
HIN
LIN
HO
LO
L
L
L
L
H
L
H
L
L
H
L
H
H
H
Inhibition
VCC
HIN
LIN
HO
LO
VB
HIN
LIN
HO
LO
VCCUVH
VCCUVL
VBUVH
VBUVL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com