Electronic Components Datasheet Search
  English  ▼

X  

BM6201FS Datasheet(PDF) 5 Page - Rohm

Part # BM6201FS
Description  600V PrestoMOS??built-in Three phase brushless fan motor driver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6201FS Datasheet(HTML) 5 Page - Rohm

  BM6201FS Datasheet HTML 1Page - Rohm BM6201FS Datasheet HTML 2Page - Rohm BM6201FS Datasheet HTML 3Page - Rohm BM6201FS Datasheet HTML 4Page - Rohm BM6201FS Datasheet HTML 5Page - Rohm BM6201FS Datasheet HTML 6Page - Rohm BM6201FS Datasheet HTML 7Page - Rohm BM6201FS Datasheet HTML 8Page - Rohm BM6201FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5/19
Datasheet
Datasheet
BM6201FS
TSZ02201-0828AB400010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
26.MAR.2012 Rev.001
http://www.rohm.com
TSZ22111 · 15 · 001
FOB
VREG
FIB
BD6201XFS
BM6201FS
100k
C
6) Fault signal output
When the gate driver detects the either state that should be protected, voltage monitor (UVLO), overheating (TSD) or
overcurrent (OCP), the FOB pin outputs low (open drain). When these are detected with either of the gate driver chip
because the FOB pin is wired-OR connection with each phase gate driver chip internally, another phase also entering the
protection operation. Even when this function is not used, the FOB pin is pull-up to the voltage of 3V or more and at least
the resistor 10kΩ or more. Moreover, the signal from the outside of the chip is not passed built-in analog filter, but the
internal control signals (UVLO / TSD / OCP) passes the filter (2.0µs Min.) for the malfunction prevention by the switching
noise etc.
Fig.7 Fault signal bi-directional input pin interface
The release time of return from the protection operation can be change to insert the external capacitor. Refer to the
formula to the below. 2ms or more is recommended.
Fig.8 Release time setting application circuit
Fig.9 Release time (reference data @R=100kΩ)
When using controller BD6201X series as a control IC, since the external fault signal input pin of the side of the control
IC has the internal pull-up resistor, it can be directly linked with FOB pin. Refer to figure 10.
Fig.10 Interface equivalent circuit
2.0
t = - ln ( 1 -
VPU
) · R · C [s]
FOB
SHUTDOWN
TSD
OCP
UVLO
FILTER
FAULT
FOB
VPU
R
C
0
1
2
3
4
5
6
7
8
9
10
0.01
0.1
1
Capacitance: C [µF]
VPU = 15V
VPU = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com