Electronic Components Datasheet Search
  English  ▼

X  

TUSB6010B Datasheet(PDF) 2 Page - Texas Instruments

Part # TUSB6010B
Description  USB2.0 High Speed (HS) On-the-Go (OTG) Dual Role Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB6010B Datasheet(HTML) 2 Page - Texas Instruments

  TUSB6010B Datasheet HTML 1Page - Texas Instruments TUSB6010B Datasheet HTML 2Page - Texas Instruments TUSB6010B Datasheet HTML 3Page - Texas Instruments TUSB6010B Datasheet HTML 4Page - Texas Instruments TUSB6010B Datasheet HTML 5Page - Texas Instruments TUSB6010B Datasheet HTML 6Page - Texas Instruments TUSB6010B Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.ti.com
Device Power States
RESET State
IDLE State
NORMAL (ACTIVE) State
TUSB6010BZQE, TUSB6010BIZQE
SLLA269 – OCTOBER 2007
TUSB6010 has three device states typically entered under normal operation:
• RESET
• IDLE
• NORMAL (ACTIVE)
The device shall be in RESET state when the RSTn input signal is driven low. In the RESET state:
• All output ports are tri-stated or initialized to inactive state
• All bi-directional ports are configured as Inputs
• All registers are set to their reset value
• PHY Macro is enabled and its reference clock output is active
Device always enters RESET state asynchronously, but exit the state synchronously. System reset de-assertion
is always synchronized with active system clock. Upon asserted system reset, device requires active system
clock to exit RESET state.
Device enters the IDLE state when External Host sets DevIdle bit in the Device Power Management register. In
the IDLE State, the device power consumption should not exceed 100
μA, including companion Power
Management device (TPS65030).
In IDLE state:
• All output signals are driven to state with minimum IO current leakage (pull-up/pull-downs are controllable
through Pull-up/Pull-Down Control registers)
• All controllable bi-directional pins are placed into minimum current leakage state
• All registers and memories retain the content and any read/write registers access is disabled
• All clock sources are disabled
• PHY Macro is suspended:
–
Low power VBUS sense comparator is enabled and all regular VBUS comparators are disabled to minimize
current consumption.
–
ID Detection circuitry is enabled
–
Remaining analog circuitry is disabled
Device stays in the IDLE state until a valid wake-up event occurs and transitions into the NORMAL (ACTIVE)
State. If system reset is asserted (RSTn) device transitions to RESET state.
A transition to the Normal state is required for normal device operation. All circuitry is enabled. In the Normal
state:
• All I/O are enabled.
• All registers and memories are accessible
• Clock sources are enabled
• PHY Macro is enabled
–
Session End VBUS detect circuitry shall be enabled
–
VBUS detection circuitry shall be enabled
–
ID Detection circuitry shall enabled
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TUSB6010BZQE, TUSB6010BIZQE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com