Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  Precision, Gain of 0.2 Level Translation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA159 Datasheet(HTML) 3 Page - Texas Instruments

  INA159 Datasheet HTML 1Page - Texas Instruments INA159 Datasheet HTML 2Page - Texas Instruments INA159 Datasheet HTML 3Page - Texas Instruments INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS: VS = +5V
Boldface limits apply over the specified temperature range, TA = −40°C to +125°C.
At TA = +25°C, RL = 10kΩ connected to VS/2, REF pin 1 connected to ground, and REF pin 2 connected to VREF = 5V, unless otherwise noted.
INA159
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE(1)
RTO
Initial (1)
VOS
VS = ±2.5V, Reference and Input Pins Grounded
±100
±500
µV
vs Temperature
±1.5
µV/°C
vs Power Supply
PSRR
VS = ±0.9V to ±2.75V
±20
±100
µV/V
Reference Divider Accuracy(2)
±0.002
±0.024
%
over Temperature
±0.002
%
INPUT IMPEDANCE(3)
Differential
240
kΩ
Common-Mode
60
kΩ
INPUT VOLTAGE RANGE
RTI
Common-Mode Voltage
Range
VCM
Positive
17.5
V
Negative
−12.5
V
Common-Mode Rejection
Ratio
CMRR
VCM = −10V to +10V, RS = 0Ω
80
96
dB
over Temperature
94
dB
OUTPUT VOLTAGE NOISE(4)
RTO
f = 0.1Hz to 10Hz
10
µVPP
f = 10kHz
30
nV/√Hz
GAIN
VREF2 = 4.096V, RL Connected to GND,
(VIN+) − (VIN−) = −10V to +10V, VCM = 0V
Initial
G
0.2
V/V
Error
±0.005
±0.024
%
vs Temperature
±1
ppm/°C
Nonlinearity
±0.0002
% of FS
OUTPUT
Voltage, Positive
VREF2 = 4.096V, RL Connected to GND
(V+) − 0.1
(V+) − 0.02
V
Voltage, Negative
VREF2 = 4.096V, RL Connected to GND
(V−) + 0.048
(V−) + 0.01
V
Current Limit, Continuous to Common
±60
mA
Capacitive Load
See Typical Characteristic
pF
Open-Loop Output Impedance
RO
f = 1MHz, IO = 0
110
Ω
FREQUENCY RESPONSE
Small-Signal Bandwidth
−3dB
1.5
MHz
Slew Rate
SR
15
V/µs
Settling Time, 0.01%
tS
4V Output Step, CL = 100pF
1
µs
Overload Recovery Time
50% Overdrive
250
ns
POWER SUPPLY
Specified Voltage Range
VS
+5
V
Operating Voltage Range
+1.8
+5.5
V
Quiescent Current
IQ
IO = 0mA, VS = ±2.5V,
Reference and Input Pins Grounded
1.1
1.5
mA
TEMPERATURE RANGE
Specified Range
−40
+125
°C
Operating Range
−40
+150
°C
Storage Range
−65
+150
°C
Thermal Resistance
qJA
MSOP-8
Surface-Mount
150
°C/W
(1) Includes effects of amplifier input bias and offset currents.
(2) Reference divider accuracy specifies the match between the reference divider resistors using the configuration in Figure 2.
(3) Internal resistors are ratio matched but have ±20% absolute value.
(4) Includes effects of amplifier input current noise and thermal noise contribution of resistor network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com