Electronic Components Datasheet Search
  English  ▼

X  

INA159 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # INA159
Description  Precision, Gain of 0.2 Level Translation
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA159 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA159 Datasheet HTML 4Page - Texas Instruments INA159 Datasheet HTML 5Page - Texas Instruments INA159 Datasheet HTML 6Page - Texas Instruments INA159 Datasheet HTML 7Page - Texas Instruments INA159 Datasheet HTML 8Page - Texas Instruments INA159 Datasheet HTML 9Page - Texas Instruments INA159 Datasheet HTML 10Page - Texas Instruments INA159 Datasheet HTML 11Page - Texas Instruments INA159 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
INA159
SBOS333B − JULY 2005 − REVISED OCTOBER 2005
www.ti.com
8
Table 2. Input and Output Relationships for Various Reference and Connection Combinations
VREF
(V)
REF CONNECTION
VOUT for VIN = 0
(V)
LINEAR VIN RANGE
(V)
USEFUL VOUT SWING
(V)
5
5V
V+
2.5
+10
0
−10
4.5
(±2V swing)
0.5
4.096
20kΩ
100kΩ
SENSE
−IN
2.048
+10
0
−10
4.048
(±2V swing)
0.048
3.3
40k
Ω
100k
Ω
OUT
1.65
+10
0
−7.885
3.65
(−1.577V, +2V swing)
0.048
2.5
40k
Ω
100k
Ω
40kΩ
VREF
REF 2
REF 1
VIN
+IN
INA159
1.25
+10 (also +5)
0
−6 (also −5)
3.25
(−1.2V, +2V swing)
0.048
1.8
INA159
0.9
+10
0
−4.26
2.9
(−0.852V, +2V swing)
0.048
2.5
20k
Ω
100k
Ω
5V
V+
SENSE
−IN
2.5
+10
0
−10
4.5
(±2V swing)
0.5
1.8
40k
Ω
100k
Ω
OUT
VREF
REF 2
VIN
+IN
1.8
+10
0
−8.76
3.8
(−1.752V, +2V swing)
0.048
1.2
40k
Ω
REF
REF 1
INA159
1.2
+10
0
−5.76
3.2
(−1.15V, +2V swing)
0.048



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com