Electronic Components Datasheet Search
  English  ▼

X  

SN74ALS235N Datasheet(PDF) 10 Page - Texas Instruments

Part # SN74ALS235N
Description  64 X 5 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS235N Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74ALS235N Datasheet HTML 6Page - Texas Instruments SN74ALS235N Datasheet HTML 7Page - Texas Instruments SN74ALS235N Datasheet HTML 8Page - Texas Instruments SN74ALS235N Datasheet HTML 9Page - Texas Instruments SN74ALS235N Datasheet HTML 10Page - Texas Instruments SN74ALS235N Datasheet HTML 11Page - Texas Instruments SN74ALS235N Datasheet HTML 12Page - Texas Instruments SN74ALS235N Datasheet HTML 13Page - Texas Instruments SN74ALS235N Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
SN74ALS235
64 × 5 ASYNCHRONOUS FIRST IN, FIRST OUT MEMORY
SDAS108A − OCTOBER 1986 − REVISED SEPTEMBER 1993
10
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 4.5 V,
II = − 18 mA
− 1.2
V
Any Q
VCC = 4.5 V
IOH = − 1 mA
VOH
Any Q
VCC = 4.5 V
IOH = − 2.6 mA
2.4
3.2
V
VOH
Flags
VCC = 4.5 V,
IOH = − 0.4 mA
2.7
3.4
V
Any Q
VCC = 4.5 V
IOL = 12 mA
0.25
0.4
VOL
Any Q
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
VOL
Flags
VCC = 4.5 V
IOL = 4 mA
0.25
0.4
V
Flags
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
IOZH
VCC = 5.5 V,
VO = 2.7 V
20
µA
IOZL
VCC = 5.5 V,
VO = 0.4 V
−20
µA
II
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
− 0.1
mA
IO‡
VCC = 5.5 V,
VO = 2.25 V
−30
−112
mA
Low
112
165
ICC
VCC = 5.5 V
High
105
160
mA
ICC
Disabled
115
170
mA
† All typical values are at VCC = 5 V, TA = 25°C.
‡ The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com