Electronic Components Datasheet Search
  English  ▼

X  

ACX302 Datasheet(PDF) 13 Page - Sony Corporation

Part # ACX302
Description  8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX302 Datasheet(HTML) 13 Page - Sony Corporation

Back Button ACX302 Datasheet HTML 9Page - Sony Corporation ACX302 Datasheet HTML 10Page - Sony Corporation ACX302 Datasheet HTML 11Page - Sony Corporation ACX302 Datasheet HTML 12Page - Sony Corporation ACX302 Datasheet HTML 13Page - Sony Corporation ACX302 Datasheet HTML 14Page - Sony Corporation ACX302 Datasheet HTML 15Page - Sony Corporation ACX302 Datasheet HTML 16Page - Sony Corporation ACX302 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
– 13 –
ACX302AK
Electrical Characteristics (Ta = 25°C, HVDD = 12.0V, VVDD = 12.0V, VIH = 3.0V, VREF = 1.5V)
1. Horizontal drivers
Item
HCKn input pin capacitance
HST input pin capacitance
Video signal input pin capacitance
Psig input pin capacitance (4:3 display)
Psig input pin capacitance (16:9 display)
Input pin current
HCK1
HCK2
HST
RGT
REF
CHckn
CHst
Csig
Cpsig
Cpsig
I Hck1
I Hck2
I Hst
I RGT
I REF
I H25
I H60
HCK1: actual driving
HCK2: actual driving
HST = GND
RGT = GND
REF = VIH/2
—
—
—
—
—
–900
–900
–300
–150
–1200
—
—
80
30
270
16
45
–300
–300
–100
–50
–300
4.0
—
95
45
310
20
50
—
—
—
—
—
4.75
6.00
pF
pF
pF
nF
nF
µA
µA
µA
µA
µA
mA
mA
Symbol
Min.
Typ.
Max.
Unit
Conditions
2. Vertical drivers
Item
VCK input pin capacitance
VST input pin capacitance
Input pin current
VCK
VST
EN
DWN
WIDE
CVck
CVst
I Vck
I Vst
I En
I DWN
I WIDE
I V25
I V60
—
—
–150
–150
–150
–150
–150
—
—
10
10
–50
–50
–50
–50
–50
1.0
—
15
15
—
—
—
—
—
1.5
2.0
pF
pF
µA
µA
µA
µA
µA
mA
mA
Symbol
Min.
Typ.
Max.
Unit
Conditions
3. Total power consumption of the panel
Item
Total power consumption
of the panel (NTSC)
PWR25
PWR60
—
—
60
—
75
96
mW
mW
Symbol
Min.
Typ.
Max.
Unit
4. Pin input resistance
Item
Pin – VSS input resistance
Rin
0.5
1
—
M
Ω
Symbol
Min.
Typ.
Max.
Unit
VCK = GND
VST = GND
EN = GND
DWN = GND
WIDE = GND
HCKn: HCK1, HCK2 (3.0MHz)
(Ta = 25°C)
(Ta = 60°C)
Current consumption
(Ta = 25°C)
(Ta = 60°C)
Current consumption
(Ta = 25°C)
(Ta = 60°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com