Electronic Components Datasheet Search
  English  ▼

X  

ACX302 Datasheet(PDF) 4 Page - Sony Corporation

Part # ACX302
Description  8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX302 Datasheet(HTML) 4 Page - Sony Corporation

  ACX302 Datasheet HTML 1Page - Sony Corporation ACX302 Datasheet HTML 2Page - Sony Corporation ACX302 Datasheet HTML 3Page - Sony Corporation ACX302 Datasheet HTML 4Page - Sony Corporation ACX302 Datasheet HTML 5Page - Sony Corporation ACX302 Datasheet HTML 6Page - Sony Corporation ACX302 Datasheet HTML 7Page - Sony Corporation ACX302 Datasheet HTML 8Page - Sony Corporation ACX302 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
– 4 –
ACX302AK
∗4 Input video and uniformity improvement signals should be symmetrical to VVC. The input conditions for the
uniformity improvement signal Vpsig differ for 4:3 display and 16:9 display.
1) During 4:3 display, input the voltage amplitude symmetrical to VVC as shown in Fig. 1.
2) During 16:9 display, input the same signal amplitude as in 1) above during the effective display portion,
and input the black signal level VpsigBK during the top/bottom black input portion as shown in Fig. 2.
Item
H/V driver input voltage
(Low)
(High)
VIL
VIH
VREF
VVC
Vsig
Vpsig
VpsigBK
Vcom
–0.3
2.6
VIH/2 – 0.3
5.3
1.0
VVC ± 2.3
VVC – 0.4
0.0
3.0
VIH/2
5.5
VVC ± 4.0
VVC ± 2.5
VVC ± 4.0
VVC – 0.3
0.3
5.5
VIH/2 + 0.3
5.7
VVDD – 2.0
(however, 10V or less)
VVC ± 2.7
VVC ± 4.5
VVC – 0.2
V
V
V
V
V
V
V
V
REF input voltage
Video signal center voltage
Video signal input range
Uniformity improvement signal
16:9 display top/bottom black signal∗4
Common voltage of panel (Ta = 25°C)
Symbol
Min.
Typ.
Max.
Unit
2. Input signal voltage conditions
(Vss = 0V)
During 4:3 display
PSIG
VVC
Vpsig
During 16:9 display
PSIG
VVC
Vpsig
VpsigBK
VVC ± 4.0V
VVC ± 2.5V
Top/bottom black display portion
(letterbox portion)
Effective display portion
Fig. 1
Fig. 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com