Electronic Components Datasheet Search
  English  ▼

X  

ACX306 Datasheet(PDF) 13 Page - Sony Corporation

Part # ACX306
Description  3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX306 Datasheet(HTML) 13 Page - Sony Corporation

Back Button ACX306 Datasheet HTML 9Page - Sony Corporation ACX306 Datasheet HTML 10Page - Sony Corporation ACX306 Datasheet HTML 11Page - Sony Corporation ACX306 Datasheet HTML 12Page - Sony Corporation ACX306 Datasheet HTML 13Page - Sony Corporation ACX306 Datasheet HTML 14Page - Sony Corporation ACX306 Datasheet HTML 15Page - Sony Corporation ACX306 Datasheet HTML 16Page - Sony Corporation ACX306 Datasheet HTML 17Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
– 13 –
ACX306AK
Electro-optical Characteristics
(Ta = 25°C, NTSC mode)
∗1 Conforms to the measurement results for the discrete panel.
Item
25°C
60°C
X
Y
X
Y
X
Y
25°C
60°C
25°C
60°C
25°C
60°C
R – G
B – G
0°C
25°C
0°C
25°C
60°C
60°C
CR
≥ 10
θ = 0°
25°C
R
G
B
V90
V50
V10
ON time
OFF time
CR25
CR60
T
Rx
Ry
Gx
Gy
Bx
By
V90-25
V90-60
V50-25
V50-60
V10-25
V10-60
V50RG
V50BG
ton0
ton25
toff0
toff25
F
YT1
θT
θB
θL
θR
Rf
CTK
100
100
6.0
0.595
0.310
0.240
0.580
0.120
0.08
1.30
1.30
1.70
1.70
2.30
2.30
–0.115
0
—
—
—
—
—
—
15
50
35
35
—
—
200
180
6.5
0.625
0.340
0.270
0.610
0.150
0.110
1.50
1.50
1.90
1.90
2.50
2.50
–0.080
0.03
70
17
120
30
–60
—
20
60
40
40
0.9
0.9
—
—
0.655
0.370
0.300
0.640
0.180
0.140
1.70
1.70
2.10
2.10
2.70
2.70
–0.045
0.05
90
25
180
75
–30
rank C
—
1.5
1.5
—
%
CIE
standards
V
V
ms
dB
s
Degree
(°)
%
%
Contrast ratio
Panel transmittance∗1
Chromaticity
V-T
characteristics∗1
Half tone color reproduction
range∗1
Response
time∗1
Flicker∗1
Image retention time∗1
Viewing angle range
Surface reflection ratio
Cross talk∗1
Symbol
1
2
3
4
5
6
7
8
9
10
11
Measurement
method
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com