Electronic Components Datasheet Search
  English  ▼

X  

ACX306 Datasheet(PDF) 21 Page - Sony Corporation

Part # ACX306
Description  3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX306 Datasheet(HTML) 21 Page - Sony Corporation

Back Button ACX306 Datasheet HTML 15Page - Sony Corporation ACX306 Datasheet HTML 16Page - Sony Corporation ACX306 Datasheet HTML 17Page - Sony Corporation ACX306 Datasheet HTML 18Page - Sony Corporation ACX306 Datasheet HTML 19Page - Sony Corporation ACX306 Datasheet HTML 20Page - Sony Corporation ACX306 Datasheet HTML 21Page - Sony Corporation ACX306 Datasheet HTML 22Page - Sony Corporation ACX306 Datasheet HTML 23Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
– 21 –
ACX306AK
System Configuration
+12.0V
+3.0V
+12.0V
PSIG
GREEN
BLUE
COM
HCK2
VCK
RED
HCK1
HST
VST
EN
RGT
REF
WIDE
Y/color difference
R/G/B
Serial data
DWN
1
µF
Rext
∗ See page 3 for the value setting.
Cext
CXA3522R
LCD Panel
ACX306AK
Cext/Rext
VSSG
1
µF
Zener diode
RD4.3UM
VDDG
+12.0V
Zener diode
RD2.7UM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com