Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 18 Page - Texas Instruments

Part # STD
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 18 Page - Texas Instruments

Back Button STD Datasheet HTML 14Page - Texas Instruments STD Datasheet HTML 15Page - Texas Instruments STD Datasheet HTML 16Page - Texas Instruments STD Datasheet HTML 17Page - Texas Instruments STD Datasheet HTML 18Page - Texas Instruments STD Datasheet HTML 19Page - Texas Instruments STD Datasheet HTML 20Page - Texas Instruments STD Datasheet HTML 21Page - Texas Instruments STD Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
-60
-40
-20
0
20
40
60
80
100
120
140
-30
-20
-10
0
10
20
30
40
50
60
70
100
1k
10k
100k
f - Frequency - Hz
8 V Phase
12 V Phase
14 V Phase
14 V Gain
8 V Gain
12 V Gain
-30
-20
-10
0
10
20
30
40
50
60
70
-60
-40
-20
0
20
40
60
80
100
120
140
100
1k
10k
100k
f - Frequency - Hz
14 V Gain
8 V Gain
12 V Gain
8 V Phase
12 V Phase
14 V Phase
www.ti.com
Performance Data and Typical Characteristic Curves
7.3
Bode Plot
Figure 9. Bode Plot of 1.2-V Output at 10-A Load
Figure 10. Bode Plot of 3.3-V Output at 10-A Load
19
SLVU638
– January 2012
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com