Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 39 Page - Texas Instruments

Part # STD
Description  Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 39 Page - Texas Instruments

Back Button STD Datasheet HTML 35Page - Texas Instruments STD Datasheet HTML 36Page - Texas Instruments STD Datasheet HTML 37Page - Texas Instruments STD Datasheet HTML 38Page - Texas Instruments STD Datasheet HTML 39Page - Texas Instruments STD Datasheet HTML 40Page - Texas Instruments STD Datasheet HTML 41Page - Texas Instruments STD Datasheet HTML 42Page - Texas Instruments STD Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Screen Shots
www.ti.com
In the lower left corner, the different view screens can be changed. The view screens can be changed
between Configure, Monitor and Status as needed (Figure 46).
Figure 46. Change View Screen to Monitor Screen
When the Monitor screen is selected (Figure 47), the screen changes to display real-time data of the
parameters that are measured by the controller. This screen provides access to:
•
Graphs of Vout, Iout, Temperature, and Pout. As shown, Pout display is turned off.
•
Start/Stop Polling which turns on or off the real-time display of data.
•
Quick access to On/Off config
•
Control pin activation, and OPERATION command. As shown, because the device is configured for
Always Converting, these radio buttons are either grayed-out or have no effect.
•
Margin control.
•
PMBus log which displays activity on the PMBus.
•
Tips
& Hints which displays additional information when the cursor is hovered over configurable
parameters.
As shown, when the EVM is still off due to UVLO, no output voltage or current is displayed.
At first GUI launch, Faults may occur due to communications during power up. These faults can be
cleared once the device is enabled.
40
Using the PWR091EVM Dual-Output DC/DC Analog With PMBus Interface
SLVU638
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com