Electronic Components Datasheet Search
  English  ▼

X  

MF122 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MF122
Description  COMPLEMENTARY SILICON POWER DARLINGTONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MF122 Datasheet(HTML) 1 Page - Motorola, Inc

  MF122 Datasheet HTML 1Page - Motorola, Inc MF122 Datasheet HTML 2Page - Motorola, Inc MF122 Datasheet HTML 3Page - Motorola, Inc MF122 Datasheet HTML 4Page - Motorola, Inc MF122 Datasheet HTML 5Page - Motorola, Inc MF122 Datasheet HTML 6Page - Motorola, Inc MF122 Datasheet HTML 7Page - Motorola, Inc MF122 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Motorola Bipolar Power Transistor Device Data
Complementary Power
Darlingtons
For Isolated Package Applications
Designed for general–purpose amplifiers and switching applications, where the
mounting surface of the device is required to be electrically isolated from the heatsink
or chassis.
• Electrically Similar to the Popular TIP122 and TIP127
• 100 VCEO(sus)
• 5 A Rated Collector Current
• No Isolating Washers Required
• Reduced System Cost
• High DC Current Gain — 2000 (Min) @ IC = 3 Adc
• UL Recognized, File #E69369, to 3500 VRMS Isolation
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector–Emitter Voltage
VCEO
100
Vdc
Collector–Base Voltage
VCB
100
Vdc
Emitter–Base Voltage
VEB
5
Vdc
RMS Isolation Voltage (1)
Test No. 1 Per Fig. 14
(for 1 sec, R.H. < 30%,
Test No. 2 Per Fig. 15
TA = 25_C)
Test No. 3 Per Fig. 16
VISOL
4500
3500
1500
VRMS
Collector Current — Continuous
Peak
IC
5
8
Adc
Base Current
IB
0.12
Adc
Total Power Dissipation* @ TC = 25_C
Derate above 25
_C
PD
30
0.24
Watts
W/
_C
Total Power Dissipation @ TA = 25_C
Derate above 25
_C
PD
2
0.016
Watts
W/
_C
Operating and Storage Junction Temperature Range
TJ, Tstg
– 65 to + 150
IC
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to Ambient
R
θJA
62.5
_C/W
Thermal Resistance, Junction to Case*
R
θJC
4.1
_C/W
Lead Temperature for Soldering Purpose
TL
260
_C
* Measurement made with thermocouple contacting the bottom insulated mounting surface (in a location beneath the die), the device mounted on
a heatsink with thermal grease and a mounting torque of
≥ 6 in. lbs.
(1) Proper strike and creepage distance must be provided.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document
by MF122/D
© Motorola, Inc. 1995
MJF122
MJF127
COMPLEMENTARY
SILICON
POWER DARLINGTONS
5 AMPERES
100 VOLTS
30 WATTS
NPN
PNP
CASE 221D–02
TO–220 TYPE


Similar Part No. - MF122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF12 ETC2-MF12 Datasheet
228Kb / 5P
Metal Film Resistors
logo
Multicomp Pro
MF12 MULTICOMP-MF12 Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF12 100K MULTICOMP-MF12 100K Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF12 100K. MULTICOMP-MF12 100K. Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
MF12 100R MULTICOMP-MF12 100R Datasheet
483Kb / 21P
Precision Metal Film Fixed Resistor Axial Leaded
05/09/19 V1.0
More results

Similar Description - MF122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BDV65B MOTOROLA-BDV65B Datasheet
110Kb / 6P
Complementary Silicon Plastic Power Darlingtons
logo
ON Semiconductor
MJE122 ONSEMI-MJE122 Datasheet
267Kb / 8P
COMPLEMENTARY SILICON POWER DARLINGTONS
1995
MJF6388 ONSEMI-MJF6388 Datasheet
338Kb / 8P
COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
logo
STMicroelectronics
BD335 STMICROELECTRONICS-BD335 Datasheet
321Kb / 4P
COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_06 Datasheet
116Kb / 4P
Complementary Silicon Plastic Power Darlingtons
March, 2006 ??Rev. 12
MJF6388 ONSEMI-MJF6388_08 Datasheet
158Kb / 8P
Complementary Power Darlingtons
September, 2008 ??Rev. 10
BDV65B ONSEMI-BDV65B_08 Datasheet
112Kb / 4P
Complementary Silicon Plastic Power Darlingtons
September, 2008 ??Rev. 13
logo
Comset Semiconductor
MJ900 COMSET-MJ900_12 Datasheet
78Kb / 3P
COMPLEMENTARY POWER DARLINGTONS
MJ1000 COMSET-MJ1000_12 Datasheet
78Kb / 3P
COMPLEMENTARY POWER DARLINGTONS
logo
ON Semiconductor
BDV65B ONSEMI-BDV65B_12 Datasheet
118Kb / 7P
Complementary Silicon Plastic Power Darlingtons
May, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com