Electronic Components Datasheet Search
  English  ▼

X  

MF122 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MF122
Description  COMPLEMENTARY SILICON POWER DARLINGTONS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MF122 Datasheet(HTML) 2 Page - Motorola, Inc

  MF122 Datasheet HTML 1Page - Motorola, Inc MF122 Datasheet HTML 2Page - Motorola, Inc MF122 Datasheet HTML 3Page - Motorola, Inc MF122 Datasheet HTML 4Page - Motorola, Inc MF122 Datasheet HTML 5Page - Motorola, Inc MF122 Datasheet HTML 6Page - Motorola, Inc MF122 Datasheet HTML 7Page - Motorola, Inc MF122 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MJF122 MJF127
2
Motorola Bipolar Power Transistor Device Data
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Sustaining Voltage (1)
(IC = 100 mAdc, IB = 0)
VCEO(sus)
100
—
Vdc
Collector Cutoff Current
(VCE = 50 Vdc, IB = 0)
ICEO
—
10
µAdc
Collector Cutoff Current
(VCB = 100 Vdc, IE = 0)
ICBO
—
10
µAdc
Emitter Cutoff Current (VBE = 5 Vdc, IC = 0)
IEBO
—
2
mAdc
ON CHARACTERISTICS (1)
DC Current Gain (IC = 0.5 Adc, VCE = 3 Vdc)
DC Current Gain (IC = 3 Adc, VCE = 3 Vdc)
hFE
1000
2000
—
—
—
Collector–Emitter Saturation Voltage (IC = 3 Adc, IB = 12 mAdc)
Collector–Emitter Saturation Voltage (IC = 5 Adc, IB = 20 mAdc)
VCE(sat)
—
—
2
3.5
Vdc
Base–Emitter On Voltage (IC = 3 Adc, VCE = 3 Vdc)
VBE(on)
—
2.5
Vdc
DYNAMIC CHARACTERISTICS
Small–Signal Current Gain (IC = 3 Adc, VCE = 4 Vdc, f = 1 MHz)
hfe
4
—
—
Output Capacitance
MJF127
(VCB = 10 Vdc, IE = 0, f = 0.1 MHz)
MJF122
Cob
—
—
300
200
pF
(1) Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2%.
Figure 1. Switching Times Test Circuit
VCC = 30 V
IC/IB = 250
IB1 = IB2
TJ = 25°C
0.1
0.7
10
0.5
0.3
2
5
5
IC, COLLECTOR CURRENT (AMP)
td @ VBE(off) = 0 V
2
1
0.5
0.2
0.1
0.05
Figure 2. Typical Switching Times
ts
tf
0.3
3
0.2
1
0.07
0.7
3
7
PNP
NPN
≈ 120
≈ 8 k
V2
APPROX.
+8 V
V1
APPROX.
–12 V
25
µs
RB
51
D1
+ 4 V
VCC
– 30 V
RC
SCOPE
TUT
tr, tf ≤ 10 ns
DUTY CYCLE = 1%
FOR td AND tr, D1 IS DISCONNECTED
AND V2 = 0
FOR NPN TEST CIRCUIT REVERSE ALL POLARITIES.
RB & RC VARIED TO OBTAIN DESIRED CURRENT LEVELS
D1, MUST BE FAST RECOVERY TYPES, e.g.,
1N5825 USED ABOVE IB ≈ 100 mA
MSD6100 USED BELOW IB ≈ 100 mA
tr
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com