Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 4 Page - Texas Instruments

Part # STD
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 4 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Operation
www.ti.com
Table 3. Sample 1% Resistor Values for Common LDO Output Voltages
(continued)
LDO Output Voltage (V)
R1 Value (k
Ω)
1.2
4.99
1.5
8.87
1.8
12.5
2.5
21
3.3
30.9
5
52.3
2.2.3
Switcher Slow Start Time
The slow start time can be adjusted by changing the value of C7. Use Equation 3 to calculate the required
value of C7 for a desired slow start time (Tss)
C7(nF) = Tss(ms) Iss(
μA)/Vref(V)
(3)
Basically the device has an internal pull-up current source of 2.3
μA=Iss that charges the external slow
start capacitor C7. The voltage reference Vref(V) for this part is 0.8V.
2.2.4
LDO Start Up
The start up time of the LDO can be adjusted by changing the value of C13. In addition to start up time,
the capacitor on the NR pin is used for noise reduction as well. However, the noise reduction effect is
nearly saturated at 0.01
µF.
2.3
Equipment Interconnect
•
Turn off the input power supply after verifying that its output voltage is set to the desired supply voltage
(less than 17V) and the current limit is set to approximately 500mA. Connect the positive voltage lead
from the input power supply to J3 (Vin) and the ground lead to J4 (GND).
•
Connect a 0-1A load (I
Load) between LDO OUT and GND using J1 and J2
•
Disable the output of the LDO by connecting a shorting jumper at JP1 from the
“off” pin to the center
pin (LDO EN).
3
Operation
•
Turn on the input power supply. Verify that the switcher output voltage is near 4.1V and the LDO
output is near 0V.
•
Enable the LDO output by connecting the jumper on JP1 from the
“on” pin to the center pin (LDO EN).
•
Verify that the LDO output voltage is 3.3V.
•
Vary the load current and VIN voltage as necessary for test purposes.
4
Test Results
This section provides typical performance waveforms for the TPS54120EVM (PWR103) characteristic of
this EVM design.
4
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com