Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 8 Page - Texas Instruments

Part # STD
Description  TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 8 Page - Texas Instruments

Back Button STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
100
90
80
70
60
50
40
30
20
0
100
200
300
400
500
600
700
800
900
1000
I
- Output Current - mA
O
TPS54120EVM Efficiency
V
= 10 V
in
V
= 8 V
in
V
=12 V
in
V
=15 V
in
Test Results
www.ti.com
4.5
Efficiency
Figure 7 shows the efficiency for the TPS54120 at an ambient temperature of 25
°C for Vin= 8V, 10V, 12V,
and 15V. The switcher output voltage is set to 4.1V and the LDO is set to 3.3V.
Figure 7. TPS54120 Efficiency
4.6
Thermal Characteristic
This section shows a thermal image of the TPS54120 running at 12 V input and 1A load, 3.3V LDO OUT,
and 4.1V Switcher out. There is no air flow and the ambient temperature is 25
°C. The peak temperature of
the IC (56.4
°C) is well below the maximum recommended operating condition listed in the data sheet of
150
°C.
8
TPS54120EVM, Low Noise 1A Power Supply Evaluation Module
SLVU641
– January 2012
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com