Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 4 Page - Texas Instruments

Part # STD
Description  TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 4 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
0.1
1
10
100
1000
Current (mA)
40
45
50
55
60
65
70
75
80
85
90
95
100
V
= 5 V
IN
V
= 9 V
IN
V
= 12 V
IN
V
= 15 V
IN
V
= 17 V
IN
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.1
1
10
100
1000
Current (mA)
V
= 12 V
IN
V
= 15 V
IN
V
= 5 V
IN
V
= 9 V
IN
V
= 17 V
IN
-0.1
-0.05
0
0.05
0.1
0.15
3
5
7
9
11
13
15
17
V - Input Voltage - (V)
I
TPS621x0EVM-627 Test Results
www.ti.com
Figure 2. Efficiency
Figure 3. Load Regulation
Figure 4. Line Regulation With Iout = 0.5 A
4
TPS62160EVM-627 and TPS62170EVM-627
— Evaluation Modules
SLVU483
– October 2011
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com