Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 13 Page - Texas Instruments

Part # STD
Description  TPS62160EVM-627 and TPS62170EVM-627 Evaluation Modules
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 13 Page - Texas Instruments

Back Button STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments STD Datasheet HTML 10Page - Texas Instruments STD Datasheet HTML 11Page - Texas Instruments STD Datasheet HTML 12Page - Texas Instruments STD Datasheet HTML 13Page - Texas Instruments STD Datasheet HTML 14Page - Texas Instruments STD Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
www.ti.com
Schematic and Bill of Materials
5.2
Bill of Materials
Table 2. TPS621x0EVM-627 Bill of Materials
Count
-001
-002
RefDes
Value
Description
Size
Part Number
MFR
1
1
C1
10
µF
Capacitor, Ceramic, 25V, X5R, 20%
0805
Std
Std
1
1
C2
22
µF
Capacitor, Ceramic, 6.3V, X5R, 20%
0805
Std
Std
1
1
C5
68
µF
Capacitor, Tantalum, 35V, 68uF,
±20%
7361[V]
TPSV686M035R0150
AVX
1
1
L1
2.2
µH
Inductor, SMT, 2.2 uH, 1.4A, 60-milliohm
2.80 X 3.00 mm
VLF3012ST-2R2M1R4
TDK
1
1
R1
1.21M
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
R2
383k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
1
R3
100k
Resistor, Chip, 1/16W, 1%
0603
Std
Std
1
0
U1
TPS62160DSG
IC, 17V 1A Buck Converter
2 x 2 mm WSON
TPS62160DSG
TI
0
1
U1
TPS62170DSG
IC, 17V 0.5A Buck Converter
2 x 2 mm WSON
TPS62170DSG
TI
13
SLVU483
– October 2011
TPS62160EVM-627 and TPS62170EVM-627
— Evaluation Modules
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com