Electronic Components Datasheet Search
  English  ▼

X  

TPS63010 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS63010
Description  HIGHLY EFFICIENT, SINGLE INDUCTOR BUCK-BOOST CONVERTER WITH 2-A SWITCHES
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS63010 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS63010 Datasheet HTML 9Page - Texas Instruments TPS63010 Datasheet HTML 10Page - Texas Instruments TPS63010 Datasheet HTML 11Page - Texas Instruments TPS63010 Datasheet HTML 12Page - Texas Instruments TPS63010 Datasheet HTML 13Page - Texas Instruments TPS63010 Datasheet HTML 14Page - Texas Instruments TPS63010 Datasheet HTML 15Page - Texas Instruments TPS63010 Datasheet HTML 16Page - Texas Instruments TPS63010 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
Timebase1ms/div
OutputVoltage
200mV/div, AC
OutputCurrent
500mA/div
V =2.4V,I =80mA to630mA
I
O
TPS63012,V =3.4V
O
G030
Timebase1ms/div
OutputVoltage
200mV/div, AC
OutputCurrent
500mA/div
V =4.2V,I =150mA to1300mA
I
O
TPS63011,V =3.3V
O
G029
TPS63010
TPS63011
TPS63012
www.ti.com
SLVS653B – JUNE 2008 – REVISED MAY 2012
LOAD TRANSIENT RESPONSE
(TPS63011)
Figure 24.
LOAD TRANSIENT RESPONSE
(TPS63012)
Figure 25.
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): TPS63010 TPS63011 TPS63012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com