Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 3 Page - Texas Instruments

Part # STD
Description  TPS63000EVM-148
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 3 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.ti.com
2.1.6
JP2 –SYNC/PS
2.2
Setup
2.3
Power Up
ENPin
VOUT1V/div
2.4
Output Ripple
Setup and Results
Center pin is SYNC input, and is used to synchronize the unit with an external clock. Also, in power-saving
mode, 1=disabled and 0=enabled. Shorting jumper JP2 between the center pin and VIN disables
power-saving mode; jumper between center pin and GND enables power-saving mode.
To operate the EVM, simply connect an input supply to the appropriate pins, connect a load to the
appropriate pins. Maximum recommended load is 600 mA or 5.5
Ω. Input supply voltage of 3.0 V to 5.5 V
is recommended.
The soft-start circuit is controlled by a ramp to the current limit comparator that starts the switch current
limit low and increases it to 1.7 A. Output voltage is monitored during this time and must increase for
switch current to increase.
Figure 1. Turn ON into Electronic Load
Output ripple occurs at the switching frequency of 1 MHz, and with the recommended L and output C, is
low. Amplitude of the ripple varies, depending on load current and input voltage. Ensure the oscilloscope
probe is connected as close as possible to the output capacitor, with a very short ground lead, for
accurate measurements. Resistance in trace and leads adds to output ripple, and ground lead length
increases the amplitude of switching spikes.
SLVU156 – March 2006
TPS63000EVM-148
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com