Electronic Components Datasheet Search
  English  ▼

X  

STD Datasheet(PDF) 5 Page - Texas Instruments

Part # STD
Description  TPS63000EVM-148
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

STD Datasheet(HTML) 5 Page - Texas Instruments

  STD Datasheet HTML 1Page - Texas Instruments STD Datasheet HTML 2Page - Texas Instruments STD Datasheet HTML 3Page - Texas Instruments STD Datasheet HTML 4Page - Texas Instruments STD Datasheet HTML 5Page - Texas Instruments STD Datasheet HTML 6Page - Texas Instruments STD Datasheet HTML 7Page - Texas Instruments STD Datasheet HTML 8Page - Texas Instruments STD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
2.5
Efficiency
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
I
-OutputCurrent- A
O
3
3.6
4.2
5
TPS63000,
PS=Low,
V
=3.3V
O
2.6
Power Dissipation
2.7
Load Transients
LOADI
VOUT100mV/div
Setup and Results
Efficiency of over 90% is common at mid-to-high loads. With power-save mode enabled, efficiency is
greater than 80% at light loads of 1 mA to 100 mA.
Figure 4. Efficiency Over Li-Ion Cell Range
With high efficiency, the power to be dissipated is low. Also, the QFN package with a solder pad is very
efficient at removing heat. In this case, with unit delivering 3.3 V at 550 mA and 90% efficiency, power
dissipation will be 180 mW. The package thermal resistance is about 50
°C/W, therefore the
case-to-junction temperature rise would be 9
°C. This would allow an ambient temperatire of 116°C, and
still hold the junction temperature below 125
°C.
Load transient response is well regulated. Additional output capacitance reduces voltage over- and
under-shoot.
Figure 5. Load Step 100 mA to 500 mA
SLVU156 – March 2006
TPS63000EVM-148
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com