Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # LMV358
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV358 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button LMV358 Datasheet HTML 7Page - Diodes Incorporated LMV358 Datasheet HTML 8Page - Diodes Incorporated LMV358 Datasheet HTML 9Page - Diodes Incorporated LMV358 Datasheet HTML 10Page - Diodes Incorporated LMV358 Datasheet HTML 11Page - Diodes Incorporated LMV358 Datasheet HTML 12Page - Diodes Incorporated LMV358 Datasheet HTML 13Page - Diodes Incorporated LMV358 Datasheet HTML 14Page - Diodes Incorporated LMV358 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/358/324
Document number: DS33196 Rev. 6 - 2
11 of 16
www.diodes.com
February 2011
© Diodes Incorporated
Ordering Information
 
LMV3 XX XX G - X
S : SOP 8L
Part Number
Package
24 : Quad
Packing
Green
G : Green
58 : Dual
M8 : MSOP -8L
TS : TSSOP -14L
7/13 : Tape & Reel
21 : Single
SE : SOT 353
W : SOT 25
B : SOP 14L
LMV3 XX XX G - X
S : SOP 8L
Part Number
Package
24 : Quad
Packing
Green
G : Green
58 : Dual
M8 : MSOP -8L
TS : TSSOP -14L
7/13 : Tape & Reel
21 : Single
SE : SOT 353
W : SOT 25
B : SOP 14L
(Note 10)
(Note 11)
(Note 12)
Device
Package Code
Packaging
(Note 13)
7”/13” Tape and Reel
Quantity
Part Number Suffix
LMV321WG-7
W
SOT25
3000/Tape & Reel
-7
LMV321SEG-7
SE
SOT353
3000/Tape & Reel
-7
LMV324BG-13
B
SOP-14L
2500/Tape & Reel
-13
LMV324TSG-13
TS
TSSOP-14L
2500/Tape & Reel
-13
LMV358SG-13
S
SOP-8L
2500/Tape & Reel
-13
LMV358M8G-13
M8
MSOP-8L
2500/Tape & Reel
-13
Notes:
10. LMV321 is only available for SOT25 and SOT353.
11. LMV324 is only available for SOP-14L and TSSOP-14L.
12. LMV358 is only available for SOP-8L and MSOP-8L.
13. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
Marking Information
SOT25 / SOT353
1
2
3
5
4
XX Y W X
XX : Identification Code
W : Week : A~Z : 1~26 week;
X : A~Z : Green
(Top View)
Y : Year : 0~9
a~z : 27~52 week;
z represents 52 and 53 week
Device
Package type
Identification Code
LMV321W
SOT25
BX
LMV321SE
SOT353
BY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com