Electronic Components Datasheet Search
  English  ▼

X  

LMV358 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # LMV358
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LMV358 Datasheet(HTML) 4 Page - Diodes Incorporated

  LMV358 Datasheet HTML 1Page - Diodes Incorporated LMV358 Datasheet HTML 2Page - Diodes Incorporated LMV358 Datasheet HTML 3Page - Diodes Incorporated LMV358 Datasheet HTML 4Page - Diodes Incorporated LMV358 Datasheet HTML 5Page - Diodes Incorporated LMV358 Datasheet HTML 6Page - Diodes Incorporated LMV358 Datasheet HTML 7Page - Diodes Incorporated LMV358 Datasheet HTML 8Page - Diodes Incorporated LMV358 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LMV321/LMV358/LMV324
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL
OUTPUT OPERATIONAL AMPLIFIERS
LMV321/358/324
Document number: DS33196 Rev. 6 - 2
4 of 16
www.diodes.com
February 2011
© Diodes Incorporated
Electrical Characteristics (Continued)
5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for TA = 25°C, V
+ = 5V, V- = 0V, VCM = 2.0V, VO = V+/2 and RL > 1 MΩ.
Symbol
Parameter
Test Conditions
Min
(Note 6)
Typ.
(Note 5)
Max
(Note 6)
Unit
VOS
Input Offset Voltage
TA = 25°C
1.7
7
mV
TA = full range
9
TCVOS
Input Offset Voltage Average
Drift
5
µV/°C
IB
Input Bias Current
TA = 25°C
15
250
nA
TA = full range
500
IOS
Input Offset Current
TA = 25°C
5
50
nA
TA = full range
150
CMRR Common Mode Rejection Ratio 0V
≤ V
CM ≤ 4.0V
50
65
dB
PSRR Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V
VO = 1V, VCM = 1V
50
60
dB
VCMR
Input Common-Mode Voltage
Range
For CMRR
≥ 50dB
0
-0.2
V
4.2
4.0
AV
Large Signal Voltage Gain
RL = 2 kΩ
(Note 7)
TA = 25°C
15
100
V/mV
TA = full range
10
VO
Output Swing
RL = 2 kΩ to
2.5V
High
level
TA = 25°C
V
+ - 300
V
+ - 50
mV
TA = full range
V
+ - 400
Low
level
TA = 25°C
50
300
TA = full range
400
RL = 10 kΩ
to 2.5V
High
level
TA = 25°C
V
+ - 100
V
+ - 10
TA = full range
V
+ - 200
Low
level
TA = 25°C
10
180
TA = full range
280
IO
Output Short Circuit Current
Sourcing, VO = 0V
5
60
mA
Sinking, VO = 5V
10
90
IS
Supply Current
LMV321 Single amplifier
110
140
µA
LMV358 Both
amplifiers
TA = 25°C
190
340
TA = full range
600
LMV324 All four
amplifiers
TA = 25°C
340
680
TA = full range
1100
θJA
Thermal Resistance Junction-
to-Ambient
SOT353 (Note 8)
330
°C/W
SOT25 (Note 8)
250
TSSOP-14L (Note 8)
100
MSOP-8L (Note 8)
203
SOP-8L (Note 8)
150
SOP-14L (Note 8)
83



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com