Electronic Components Datasheet Search
  English  ▼

X  

AN1250 Datasheet(PDF) 3 Page - Microchip Technology

Part # AN1250
Description  Microchip CTMU for Capacitive Touch Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1250 Datasheet(HTML) 3 Page - Microchip Technology

  AN1250 Datasheet HTML 1Page - Microchip Technology AN1250 Datasheet HTML 2Page - Microchip Technology AN1250 Datasheet HTML 3Page - Microchip Technology AN1250 Datasheet HTML 4Page - Microchip Technology AN1250 Datasheet HTML 5Page - Microchip Technology AN1250 Datasheet HTML 6Page - Microchip Technology AN1250 Datasheet HTML 7Page - Microchip Technology AN1250 Datasheet HTML 8Page - Microchip Technology AN1250 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
© 2009 Microchip Technology Inc.
DS01250A-page 3
AN1250
OVERVIEW OF CAPACITIVE TOUCH
APPLICATIONS
The CTMU is used in capacitive touch applications by
applying the constant current source of the CTMU to
the capacitive touch pad using the following equation:
Where:
• I is the constant current source of the CTMU
• T is a fixed period that the CTMU charges the
capacitive touch circuit
• C is the capacitance of the touch circuit
• V is the voltage read by the A/D converter after
the capacitive touch circuit is finished charging
It is possible to sense a relative shift in capacitance by
observing a change in voltage. The above equation can
be rearranged to:
Since the CTMU current source is constant (I), the
voltage present on the capacitive touch sensor (V)
relies on two variables: the amount of time the touch
circuit is charged (T) and the capacitive size of the
touch circuit (C). If the amount of time the touch circuit
is charged is held constant, then changes in the capac-
itance of the touch circuit will ultimately affect the
voltage that the circuit charges to in the fixed period.
The A/D converter is used to read the voltage that the
touch circuit is charged to with the CTMU.
When the capacitance of a human finger is added to
the touch sensor pad, the capacitance increases and
the result is a lowering of the voltage seen by the A/D
converter (since I and T are held constant).
Setting Up of the CTMU
For a capacitive touch application, each sensor must
be connected directly to a channel of the A/D converter.
See Figure 2 for a block diagram of a Microchip
microcontroller with a CTMU peripheral. This diagram
illustrates that the CTMU is internally connected to the
A/D converter and allows for selection of any of the A/D
channels. With this configuration, a single CTMU unit
can measure many capacitive touch sensors. Note that
the CTMU has been simplified in order to show only the
elements required for capacitive touch, namely the cur-
rent source, the current source control and the current
drain mechanism. These will be explained in detail in
later sections. The current source control, labeled
“Trigger” in Figure 2, is manually controlled in software
by manipulating bits in the CTMU Control register.
FIGURE 2:
CAPACITIVE TOUCH BLOCK DIAGRAM
I x T = C x V
V = (I x T)/C
A/D Converter
Current Source
CTMU
Sensor 0
C A/D
Trigger
A/D MUX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com