Electronic Components Datasheet Search
  English  ▼

X  

AN1250 Datasheet(PDF) 6 Page - Microchip Technology

Part # AN1250
Description  Microchip CTMU for Capacitive Touch Applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AN1250 Datasheet(HTML) 6 Page - Microchip Technology

Back Button AN1250 Datasheet HTML 2Page - Microchip Technology AN1250 Datasheet HTML 3Page - Microchip Technology AN1250 Datasheet HTML 4Page - Microchip Technology AN1250 Datasheet HTML 5Page - Microchip Technology AN1250 Datasheet HTML 6Page - Microchip Technology AN1250 Datasheet HTML 7Page - Microchip Technology AN1250 Datasheet HTML 8Page - Microchip Technology AN1250 Datasheet HTML 9Page - Microchip Technology AN1250 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
AN1250
DS01250A-page 6
© 2009 Microchip Technology Inc.
The software routine for reading each of the sensor
channels consists of the following 13 steps:
1.
Set all of the A/D converter channels to digital
I/O pins and set them to logic zero (‘0’).
This has the effect of grounding all of the
capacitive touch sensor pads, so they are at
zero (0) volts potential.
2.
Set the A/D channel to be read to an analog input.
3.
Set the A/D converter to the selected channel.
4.
Set the discharge bit, IDISSEN, of the CTMUCON
register.
This step insures that the internal capacitance of
the A/D converter starts at zero (0) volts potential.
5.
Wait for charge to drain (a few NOPs).
6.
Clear the discharge bit, IDISSEN.
7.
Set the sample bit, SAMP (AD1CON1), to begin
sampling the selected channel (PIC24F only).
8.
Set either of the edge status bits of the CTMU.
For PIC24F:
EDG1STAT OR EDG2STAT (CTMUCON) bits
For PIC18F:
EDG1STAT OR EDG2STAT (CTMUCONL) bits
This step turns on the CTMU current source to
the selected A/D channel and begins charging
the connected capacitive touch sensor.
9.
Wait for a fixed period of time. For most capacitive
touch applications, this is approximately 2-10
μS.
In this case, the fixed time period is a loop set up
to do nothing until the allotted time has expired.
10. Clear the edge status bit that was set above.
For PIC24F:
EDG1STAT OR EDG2STAT (CTMUCON) bits
For PIC18F:
EDG1STAT OR EDG2STAT (CTMUCONL) bits
This step turns off the CTMU current source and
stops charging the connected capacitive touch
sensor.
11. Initiate an A/D conversion on the selected
channel:
a) On PIC24F, clear the SAMP bit (AD1CON1).
b) On PIC18F, set the GO/DONE bit (ADCON0).
12. Wait for the conversion to complete.
13. Store the value read by the A/D converter.
Figure 3 provides a software flowchart of the CTMU
capacitive touch sensor, reading as outlined above.
FIGURE 3:
CTMU CAPACITIVE TOUCH SENSOR READ FLOWCHART
Start
Set all of ADC as
digital outputs (‘0’)
to insure all sensors
at zero potential
Set selected ADC
channel to analog
Set Discharge bit,
IDISSEN
Set ADC to sample
selected channel
Wait for charge to
drain (a few NOPs)
Clear Discharge bit,
IDISSEN
Begin sampling by
setting the SAMP
bit of the ADC
Set the Edge 1
Status bit of the
CTMU (EDG1STAT)
Wait for the
Capacitive Touch
Circuit to charge
Clear Edge 1
Status bit of the
CTMU (EDG1STAT)
Start ADC
Clearing the SAMP
Wait for conversion to
to complete:
Wait for ADC Interrupt
flag (PIC24F)
Move the data
from the ADC
conversion to a
temporary variable
End
(PIC24F only)
conversion by:
bit (PIC24F)
Setting GO/DONE
bit (PIC18F)
Wait for GO/DONE = 0
(PIC18F)
ADC Operation
CTMU Operation
1
2
3
4
56
78
9
10
11
12
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com