Electronic Components Datasheet Search
  English  ▼

X  

ADS1231REF Datasheet(PDF) 19 Page - Texas Instruments

Part # ADS1231REF
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1231REF Datasheet(HTML) 19 Page - Texas Instruments

Back Button ADS1231REF Datasheet HTML 15Page - Texas Instruments ADS1231REF Datasheet HTML 16Page - Texas Instruments ADS1231REF Datasheet HTML 17Page - Texas Instruments ADS1231REF Datasheet HTML 18Page - Texas Instruments ADS1231REF Datasheet HTML 19Page - Texas Instruments ADS1231REF Datasheet HTML 20Page - Texas Instruments ADS1231REF Datasheet HTML 21Page - Texas Instruments ADS1231REF Datasheet HTML 22Page - Texas Instruments ADS1231REF Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
www.ti.com
Serial Console
The available commands are listed in Table 6. In this table, values in brackets indicate a range or list of
possible characters. A dash (
–) indicates a range, and commas (,) indicate a list.
Table 6. Console Mode Commands
COMMAND
FORMAT
OPERATION
Prints the current gain
P
—
setting
R
Set data rate
R [F,S]
V
Show firmware version
V
S
Start streaming
S
D
Read data once
D
Q
Query parameters
Q
Console mode does not interrupt standalone operation. It is always available, even when the standalone
mode is in use. However, if parameters are changed using both the console and standalone modes,
parameters may become out of sync.
5.2
Command Reference
5.2.1
P
—Set PGA
This command has no effect on the ADS1131 or ADS1231 because the device gain is fixed.
•
P
—(with no argument) prints the current gain setting
5.2.2
R
—Set Data Rate
This command sets the speed of the installed ADS device according to these parameters:
•
RF
—sets rate to fast
•
RS
—sets rate to slow
•
R
—(with no argument) prints the current data rate setting
Note that the actual data rate depends on the frequency of the device clock.
5.2.3
V
—Show Version
Displays a message containing the firmware version and copyright notice.
19
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com