Electronic Components Datasheet Search
  English  ▼

X  

ADS1231REF Datasheet(PDF) 20 Page - Texas Instruments

Part # ADS1231REF
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1231REF Datasheet(HTML) 20 Page - Texas Instruments

Back Button ADS1231REF Datasheet HTML 16Page - Texas Instruments ADS1231REF Datasheet HTML 17Page - Texas Instruments ADS1231REF Datasheet HTML 18Page - Texas Instruments ADS1231REF Datasheet HTML 19Page - Texas Instruments ADS1231REF Datasheet HTML 20Page - Texas Instruments ADS1231REF Datasheet HTML 21Page - Texas Instruments ADS1231REF Datasheet HTML 22Page - Texas Instruments ADS1231REF Datasheet HTML 23Page - Texas Instruments ADS1231REF Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
USB-SERIAL
INTERFACE
POWER
SUPPLY
LOAD CELL
CONNECTORS
INPUT
FILTERING
MSP430F449
USB CONNECTOR
LCD
SWITCHES
ADS1x31
+5V
+3.3V
CH1
SPI
GPIO
UART
Hardware
www.ti.com
5.2.4
S
—Start Streaming
When S is issued, the ADS1x31REF begins printing raw output codes from the installed ADS device in
hexadecimal format, separated by new lines. The device iterates continuously until a character is received
from the serial port.
S is used primarily by the EVM software for data collection.
5.2.5
D
—Collect One Sample
Issuing the D command causes the ADS1x31REF to report the latest collected sample from the installed
ADS device. The sample is displayed in raw hexadecimal.
5.2.6
C
—Set Channel
This command has no effect on the installed ADS device because there is only one channel.
•
C0
—set to channel 0
•
C
—(with no arguments) prints the current channel, always CHAN=0
5.2.7
Q
—Query Parameters
Q causes the ADS1x31REF to issue a coded string summarizing the current settings. The format of the
string is:
P0R[F,S]OIC0
followed by a carriage-return and linefeed.
6
Hardware
A block diagram of the ADS1x31REF is shown in Figure 8. The schematic and layout drawings are given
in Appendix A.
Figure 8. ADS1x31REF Hardware Block Diagram
20
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com