Electronic Components Datasheet Search
  English  ▼

X  

ALD1107DB Datasheet(PDF) 2 Page - Advanced Linear Devices

Part # ALD1107DB
Description  QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1107DB Datasheet(HTML) 2 Page - Advanced Linear Devices

  ALD1107DB Datasheet HTML 1Page - Advanced Linear Devices ALD1107DB Datasheet HTML 2Page - Advanced Linear Devices ALD1107DB Datasheet HTML 3Page - Advanced Linear Devices ALD1107DB Datasheet HTML 4Page - Advanced Linear Devices ALD1107DB Datasheet HTML 5Page - Advanced Linear Devices ALD1107DB Datasheet HTML 6Page - Advanced Linear Devices ALD1107DB Datasheet HTML 7Page - Advanced Linear Devices ALD1107DB Datasheet HTML 8Page - Advanced Linear Devices ALD1107DB Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
ALD1107/ALD1117
Advanced Linear Devices
2 of 11
Drain-source voltage, VDS
-10.6V
Gate-source voltage, VGS
-10.6V
Power dissipation
500mW
Operating temperature range
SAL, PAL, SBL, PBL packages
0
°C to +70°C
DA, DB packages
-55
°C to +125°C
Storage temperature range
-65
°C to +150°C
Lead temperature, 10 seconds
+260
°C
CAUTION: ESD Sensitive Device. Use static control procedures in ESD controlled environment.
ABSOLUTE MAXIMUM RATINGS
Gate Threshold
VT
-0.4
-0.7
-1.0
-0.4
-0.7
-1.0
V
IDS = -1.0µA VGS = VDS
Voltage
Offset Voltage
VOS
2
10
2
10
mV
IDS = -10µA VGS = VDS
VGS1-VGS2
Gate Threshold
Temperature
TCVT
-1.3
-1.3
mV/
°C
Drift 2
On Drain
IDS (ON)
-1.3
-2
-1.3
-2
mA
VGS = VDS = -5V
Current
Transconductance
GIS
0.25
0.67
0.25
0.67
mmho VDS = -5V IDS = -10mA
Mismatch
∆Gfs
0.5
0.5
%
Output
GOS
40
40
µmho VDS = -5V IDS = -10mA
Conductance
Drain Source
RDS (ON)
1200
1800
1200
1800
Ω
VDS = -0.1V VGS = -5V
On Resistance
Drain Source
On Resistance
∆RDS (ON)
0.5
0.5
%
VDS = -0.1V VGS = -5V
Mismatch
Drain Source
Breakdown
BVDSS
-12
-12
V
IDS = -1.0µA VGS = 0V
Voltage
Off Drain
IDS (OFF)
10
400
10
400
pA
VDS = -12V VGS = 0V
Current 1
44
nA
TA = 125°C
Gate Leakage
IGSS
0.1
10
0.1
10
pA
VDS = 0V VGS = -12V
Current
1
1
nA
TA = 125°C
Input
CISS
13
1
3
pF
Capacitance 2
OPERATING ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise specified
ALD1107
ALD1117
Test
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Conditions
Notes:
1
Consists of junction leakage currents
2
Sample tested parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com