Electronic Components Datasheet Search
  English  ▼

X  

ALD1107DB Datasheet(PDF) 1 Page - Advanced Linear Devices

Part # ALD1107DB
Description  QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1107DB Datasheet(HTML) 1 Page - Advanced Linear Devices

  ALD1107DB Datasheet HTML 1Page - Advanced Linear Devices ALD1107DB Datasheet HTML 2Page - Advanced Linear Devices ALD1107DB Datasheet HTML 3Page - Advanced Linear Devices ALD1107DB Datasheet HTML 4Page - Advanced Linear Devices ALD1107DB Datasheet HTML 5Page - Advanced Linear Devices ALD1107DB Datasheet HTML 6Page - Advanced Linear Devices ALD1107DB Datasheet HTML 7Page - Advanced Linear Devices ALD1107DB Datasheet HTML 8Page - Advanced Linear Devices ALD1107DB Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.0 ©2012 Advanced Linear Devices, Inc. 415 Tasman Drive, Sunnyvale, CA 94089-1706 Tel: (408) 747-1155 Fax: (408) 747-1286
www.aldinc.com
ALD1107/ALD1117
ADVANCED
LINEAR
DEVICES, INC.
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
GENERAL DESCRIPTION
The ALD1107/ALD1117 are monolithic quad/dual P-channel enhance-
ment mode matched MOSFET transistor arrays intended for a broad range
of precision analog applications. The ALD1107/ALD1117 offer high input
impedance and negative current temperature coefficient. The transistor
pairs are matched for minimum offset voltage and differential thermal
response, and they are designed for precision analog switching and
amplifying applications in +2V to +12V systems where low input bias
current, low input capacitance and fast switching speed are desired. These
MOSFET devices feature very large (almost infinite) current gain in a low
frequency, or near DC, operating environment. The ALD1107/ALD1117
are building blocks for differential amplifier input stages, transmission
gates, and multiplexer applications, current sources and many precision
analog circuits.
APPLICATIONS
• Precision current mirrors
• Precision current sources
• Voltage choppers
• Differential amplifier input stage
• Voltage comparator
• Data converters
• Sample and Hold
• Analog signal processing
BLOCK DIAGRAM
FEATURES
• Low threshold voltage of -0.7V
• Low input capacitance
• Low Vos 2mV typical
• High input impedance -- 1014
Ω typical
• Negative current (IDS) temperature coefficient
• Enhancement-mode (normally off)
• DC current gain 109
• Low input and output leakage currents
• RoHS compliant
PIN CONFIGURATION
TOP VIEW
SBL, PBL, DB PACKAGES
TOP VIEW
SAL, PAL, DA PACKAGES
Operating Temperature Range*
0
°C to +70°C0°C to +70°C
-55
°C to +125°C
8-Pin SOIC
8-Pin Plastic Dip
8-Pin CERDIP
Package
Package
Package
ALD1117SAL
ALD1117PAL
ALD1117DA
14-Pin SOIC
14-Pin Plastic Dip
14-Pin CERDIP
Package
Package
Package
ALD1107SBL
ALD1107PBL
ALD1107DB
ORDERING INFORMATION (“L” suffix denotes lead-free (RoHS))
* Contact factory for leaded (non-RoHS) or high temperature versions.
BLOCK DIAGRAM
DP2
GP2
SP2
GP1
SP1
1
2
3
4
5
6
7
8
DP1
V+
V-
ALD1117
DP2
GP2
SP2
GP3
SP3
GP1
SP1
DP4
GP4
1
2
3
4
5
6
7
8
9
10
11
12
13
14
DP1
V+
V-
DP3
SP4
ALD1107
DP1 (1)
DP2 (8)
~
GP1 (2)
SP1 (3)
SP2 (6)
V - (4)
V+ (5)
GP2 (7)
ALD1117
DP1 (1)
DP2 (14)
GP1 (2)
SP1 (3)
SP2 (12)
V+ (11)
GP2 (13)
DP3 (10)
DP4 (5)
GP3 (9)
SP3 (8)
SP4 (7)
~
V- (4)
V+ (11)
GP4 (6)
ALD1107


Similar Part No. - ALD1107DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1107DB ALD-ALD1107DB Datasheet
61Kb / 6P
QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY
More results

Similar Description - ALD1107DB

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1107 ALD-ALD1107 Datasheet
61Kb / 6P
QUAD/DUAL P-CHANNEL MATCHED MOSFET ARRAY
ALD1106 ALD-ALD1106_12 Datasheet
124Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
ALD310702 ALD-ALD310702 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
ALD310704 ALD-ALD310704 Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD MOSFET ARRAY QUAD NANOPOWER MATCHED PAIR
logo
ADL Embedded Solutions
ALD1106 ADL-ALD1106 Datasheet
82Kb / 9P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
ALD1107 ADL-ALD1107 Datasheet
84Kb / 9P
QUAD/DUAL P-CHANNEL MATCHED PAIR MOSFET ARRAY
2021
logo
Advanced Linear Devices
ALD310702A ALD-ALD310702A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310704A ALD-ALD310704A Datasheet
512Kb / 9P
PRECISION P-CHANNEL EPAD짰 MOSFET ARRAY QUAD NANOPOWER??MATCHED PAIR
2021
ALD310708A ALD-ALD310708A Datasheet
511Kb / 9P
P-CHANNEL EPAD짰 MOSFET ARRAY QUAD ENHANCED MODE MATCHED PAIR
2021
ALD1106 ALD-ALD1106_V01 Datasheet
106Kb / 11P
QUAD/DUAL N-CHANNEL MATCHED PAIR MOSFET ARRAY
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com