Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410VF Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410VF
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3410VF Datasheet(HTML) 16 Page - Texas Instruments

Back Button TUSB3410VF Datasheet HTML 12Page - Texas Instruments TUSB3410VF Datasheet HTML 13Page - Texas Instruments TUSB3410VF Datasheet HTML 14Page - Texas Instruments TUSB3410VF Datasheet HTML 15Page - Texas Instruments TUSB3410VF Datasheet HTML 16Page - Texas Instruments TUSB3410VF Datasheet HTML 17Page - Texas Instruments TUSB3410VF Datasheet HTML 18Page - Texas Instruments TUSB3410VF Datasheet HTML 19Page - Texas Instruments TUSB3410VF Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
Histogram
StripChart
Using the PC Software
www.ti.com
4.4
Analysis or Record Mode
The program will operate in analysis mode or record mode. Both modes acquire the data and update the
displays, but record mode also writes the result to the selected file.
4.5
Adjusting Device Parameters
To adjust device parameters, use the controls in the Device control box. Each control corresponds to a
setting that can also be made from the board itself.
4.6
Acquiring Data
To start receiving and analyzing data from the board, click the Acquire button, located in the lower
right-hand corner of the display. The program begins to receive data from the board, displaying the results
in near-real time.
It is not possible for the program to adjust board parameters in Analysis mode. For this reason, the board
controls are disabled and dimmed while Analysis occurs.
4.6.1
Averaging
The PC software can process data collected from the board using a sliding-window averager. The controls
for the averager are found in the Averager box.
To turn the averager on, use the Averaging switch. The number of points averaged is set by the Points
control, and the number of points currently collected is shown in the Collected box.
When the averager is turned on, it is cleared. To reset the averager, turn it off and then on again.
The histogram displays an integer representation of the averaged data. Note that when selecting a high
number of averages, the integer results might include only one code; the histogram for that case will be
blank. The strip chart display shows both the full precision result of the averages and the integer version,
as illustrated in Figure 7.
Figure 7. ADS1x31REF Average Data
16
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com