Electronic Components Datasheet Search
  English  ▼

X  

TUSB3410VF Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB3410VF
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB3410VF Datasheet(HTML) 15 Page - Texas Instruments

Back Button TUSB3410VF Datasheet HTML 11Page - Texas Instruments TUSB3410VF Datasheet HTML 12Page - Texas Instruments TUSB3410VF Datasheet HTML 13Page - Texas Instruments TUSB3410VF Datasheet HTML 14Page - Texas Instruments TUSB3410VF Datasheet HTML 15Page - Texas Instruments TUSB3410VF Datasheet HTML 16Page - Texas Instruments TUSB3410VF Datasheet HTML 17Page - Texas Instruments TUSB3410VF Datasheet HTML 18Page - Texas Instruments TUSB3410VF Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
www.ti.com
Using the PC Software
Status display: This display shows messages indicating the current state of the program.
Acquire button: This button starts and stops the running acquisition of data.
4.3
Starting the Program
When the program launches, a screen similar to that shown in Figure 6 appears. Immediately after launch,
the program searches all available serial ports for the board. To do this step, it opens every available
serial port in turn, testing it to see if there is an ADS1x31REF connected. The program uses the first
ADS1x31REF it finds. Note that the title block displays the name of the board found. Figure 6 shows the
board found as the ADS1231REF. If the ADS1131REF is connected, the title shows ADS1131REF.
Figure 6. ADS1231REF PC Software Display
Although this procedure is conceptually simple, it may not go as smoothly as expected. The following
process ensures that the board is found correctly. Note that Steps 1
–3 can be done in any order.
Step 1.
Apply power to the ADS1x31REF.
Step 2.
Plug in the USB connector.
Step 3.
Start the program.
Step 4.
Watch the status display. It reads Scanning followed by the name of the serial port being
tested. When the board is found, the display reads Idle. Until a board is found, the display
cycles through every port, spending approximately one second on each port.
Once the board is detected, the program enters Idle mode and is ready for use.
NOTE:
If the board is never detected, it is still possible (and safe) to exit the program during the
search process. If the board does not respond, pressing the USB Reset switch (SW1) may
help.
15
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com