Electronic Components Datasheet Search
  English  ▼

X  

ALD1721EPAL Datasheet(PDF) 4 Page - Advanced Linear Devices

Part # ALD1721EPAL
Description  EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721EPAL Datasheet(HTML) 4 Page - Advanced Linear Devices

  ALD1721EPAL Datasheet HTML 1Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 2Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 3Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 4Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 5Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 6Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 7Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 8Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 9Page - Advanced Linear Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
ALD1721E
Advanced Linear Devices
4 of 13
OPERATING ELECTRICAL CHARACTERISTICS (cont'd)
TA = 25
oC VS = ±2.5V unless otherwise specified
1721E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Supply Current
IS
120
200
µAVIN = 0V
No Load
Power Dissipation
PD
0.6
1.00
mW
VS = ±2.5V
Input Capacitance
CIN
1
pF
Maximum Load Capacitance
CL
50
pF
Equivalent Input Noise Voltage
en
55
nV/
√Hz
f = 1KHz
Equivalent Input Current Noise
in
0.6
fA/
√Hz
f =10Hz
Bandwidth
BW
400
700
KHz
Slew Rate
SR
0.3
0.7
V/
µsAV = +1
RL = 10KΩ
Rise time
tr
0.2
µsRL = 10KΩ
Overshoot Factor
20
%
RL = 100KΩ,
CL = 50pF
Settling Time
ts
10
µs
0.1%
AV = 1,RL=100KΩ
CL = 50pF
TA = 25
oC VS = ±2.5V unless otherwise specified
1721E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions
Average Long Term Input Offset
∆ VOS
0.02
µV/
Voltage Stability 9
∆ time
1000 hrs
Initial VE Voltage
VE1 i, VE2 i
1.2
V
Programmable VE Range
∆VE1, ∆VE2
1.5
2.5
V
Programmed VE Voltage Error
e(VE1-VE2)
0.1
%
VE Pin Leakage Current
ieb
-5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com