Electronic Components Datasheet Search
  English  ▼

X  

ALD1721EPAL Datasheet(PDF) 9 Page - Advanced Linear Devices

Part # ALD1721EPAL
Description  EPAD짰 MICROPOWER CMOS OPERATIONAL AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD1721EPAL Datasheet(HTML) 9 Page - Advanced Linear Devices

Back Button ALD1721EPAL Datasheet HTML 5Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 6Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 7Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 8Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 9Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 10Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 11Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 12Page - Advanced Linear Devices ALD1721EPAL Datasheet HTML 13Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
ALD1721E
Advanced Linear Devices
9 of 13
0
1
2
3
4
5
6
78
9
10
500
400
300
200
100
0
TWO EXAMPLES OF EQUIVALENT INPUT OFFSET VOLTAGE DUE TO
CHANGE IN SUPPLY VOLTAGE vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
PSRR = 80 dB
EXAMPLE B:
VOS EPAD
PROGRAMMED
AT VSUPPLY = +8V
EXAMPLE A:
VOS EPAD PROGRAMMED
AT VSUPPLY = +5V
-5
-4
-3
-2
-1
0
1
23
45
COMMON MODE VOLTAGE (V)
500
400
300
200
100
0
EXAMPLE A:
VOS EPAD PROGRAMMED
AT VIN = 0V
EXAMPLE B:
VOS EPAD
PROGRAMMED
AT VIN = -4.3V
EXAMPLE C:
VOS EPAD PROGRAMMED
AT VIN = +5V
VSUPPLY = ±5V
CMRR = 80dB
THREE EXAMPLES OF EQUIVALENT INPUT OFFSET VOLTAGE DUE TO
CHANGE IN COMMON MODE VOLTAGE vs. COMMON MODE VOLTAGE
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
0.4
0.5
COMMON MODE VOLTAGE (V)
50
40
30
20
10
0
VOS EPAD
PROGRAMMED
AT COMMON MODE
VOLTAGE OF 0.25V
CMRR = 80dB
EXAMPLE OF MINIMIZING EQUIVALENT INPUT OFFSET VOLTAGE
FOR A COMMON MODE VOLTAGE RANGE OF 0.5V
COMMON MODE VOLTAGE RANGE OF 0.5V
TYPICAL PERFORMANCE CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com