Electronic Components Datasheet Search
  English  ▼

X  

ALD2331ASAL Datasheet(PDF) 3 Page - Advanced Linear Devices

Part # ALD2331ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2331ASAL Datasheet(HTML) 3 Page - Advanced Linear Devices

  ALD2331ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ALD2331A/ALD2331B/ALD2331
Advanced Linear Devices
3 of 8
SUPPLY CURRENT vs. SUPPLY VOLTAGE
012
200
SUPPLY VOLTAGE (V)
0
10
8
6
24
20
40
60
80
100
120
140
160
180
No Load
Two Comparators
TA = 25
0C
TA = 125
0C
TA = -55
0C
-55
-25
0
25
50
75
100
125
0
1
10
100
1000
V+ = +5V
INPUT BIAS CURRENT vs. TEMPERATURE
AMBIENT TEMPERATURE (
0C)
LOW LEVEL OUTPUT VOLTAGE
vs. TEMPERATURE
0.5
0.4
0.3
0.2
0.1
0.0
AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
125
100
75
V
+
= +3.5V
V
+
= +5V
V
+
= +10V
ISINK = 12mA
VINPUT = 1V
Differential
SUPPLY CURRENT vs.TEMPERATURE
AMBIENT TEMPERATURE (°C)
-55
-25
0
25
50
125
100
75
160
140
120
100
60
80
180
200
V
+
= +5V
No Load
Two Comparators
TYPICAL PERFORMANCE CHARACTERISTICS
COMMON - MODE VOLTAGE REFERRED
TO SUPPLY VOLTAGE
TEMPERATURE (°C)
0.5
V+
-0.5
-1.0
0.5
V-
-0.5
-55
-25
0
25
50
125
100
75
≈
≈
VS = ± 2.5 V
TRANSFER FUNCTION
DIFFERENTIAL INPUT VOLTAGE (mV)
+5.0
-5.0
0.0
+2.5
0.0
-2.5
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com