Electronic Components Datasheet Search
  English  ▼

X  

ALD2331ASAL Datasheet(PDF) 5 Page - Advanced Linear Devices

Part # ALD2331ASAL
Description  DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH OPEN DRAIN OUTPUT DRIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices

ALD2331ASAL Datasheet(HTML) 5 Page - Advanced Linear Devices

  ALD2331ASAL Datasheet HTML 1Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 2Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 3Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 4Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 5Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 6Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 7Page - Advanced Linear Devices ALD2331ASAL Datasheet HTML 8Page - Advanced Linear Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
ALD2331A/ALD2331B/ALD2331
Advanced Linear Devices
5 of 8
+
-
+5V
VA= 0V to +10V
+10V
0
VOUT
VIN+
VIN-
VOUT
VOLTAGE COMPARATOR WITH SINGLE
SUPPLY AND OUTPUT LEVEL SHIFT
VOLTAGE COMPARATOR
WITH +/-5V SUPPLY AND +5V RELAY DRIVE
PRECISION SINGLE SUPPLY VOLTAGE
COMPARATOR WITH DIRECT RELAY DRIVER
6
8
10
12
4
2
SUPPLY VOLTAGE (V)
OUTPUT LOW VOLTAGE
vs. SUPPLY VOLTAGE
TA = 25°C
IOL= 12mA
0.0
0.2
0.4
0.5
0.6
0.1
0.3
TYPICAL APPLICATIONS
+5
5VRELAY
+
-
+5
VIN
VR
+
-
5VRELAY
-5
+5
VIN+
1K
VIN-
-
-
+
+
Q
Q
VIN
VREF
V+
VOLTAGE COMPARATOR WITH
COMPLEMENTARY OUTPUTS
RESPONSE TIME FOR VARIOUS INPUT
OVERDRIVES
-1.0
6.0
2.0
0.0
1.0
3.0
4.0
5.0
0.0 0.3 0.6
0.9
1.2 1.5
1.8
2.1 2.4 2.7
3.0
TIME (µS)
TA = 25
0C
V
+
= +5V
1mV
2mV
5mV
10mV
20mV
50mV
RL = 5.1KΩ
CL = 15pF
Input Step
TYPICAL PERFORMANCE CHARACTERISTICS (cont'd)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com